Electronic Components Datasheet Search
  English  ▼

X  

BXMF1004 Datasheet(PDF) 1 Page - API Technologies Corp

Part # BXMF1004
Description  Frequency Multiplier (x4, x8)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

BXMF1004 Datasheet(HTML) 1 Page - API Technologies Corp

  BXMF1004 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• Low Additive Phase Noise:
-146 dBc/Hz @ 1 kHz Offset (x8)
• Excellent Harmonic Performance: -50 dBc
• Low Discrete Spurious: -75 dBc
• High Reliability: 200,000 Hr MTBF
• Low Harmonic & Sub-Harmonic Content:
-60 dBc
Frequency Multiplier (x4, x8)
Model BXMF1004 (150 - 200 MHz)
Description
Spectrum Microwave offers a line of low noise frequency
multipliers based on multiple passive doubler/amplifier
combinations. This series of multipliers cover input fre-
quency ranges of 150 to 200 MHz with output frequencies
from 600 to 1600 MHz. Additive phase noise testing
ensures low phase noise/jitter performance. All internal
amplifiers and doublers are contained in rugged TO-8 her-
metic packages for excellent performance over military
environmental conditions.
Optional Features
• Output Filtering
• Digital ECL Outputs (Single or Differential)
• Built-in Test Power Detectors
• Internal Voltage Regulators
Applications
• Synthesizer Building Block
• SIGINT
• ELINT
• EW
Spectrum Microwave, Inc. • P: 888.553.7531 • F: 888.553.7532
E-mail: sales@spectrummicrowave.com • www.SpectrumMicrowave.com
Typical Specifications
Input Frequency
150 to 200 MHz
Input Level
+10 dBm
Output Frequency x4 600 to 800 MHz
Output Frequency x8 1200 to 1600 MHz
Power Input
+10 dBm
Output Level
+3 dBm
Bandwidth
1%
Switching Speed
90 nsec
Harmonics
-50 dBc
Sub-Harminics
-70 dBc
ECL Differential Delay 100 psec
Phase Noise
-146 dBc/Hz @ 1 kHz
(Ref. to input)
-158 dBc/Hz @ 10 kHz
-158 dBc/Hz @ 100 kHz
DC Power
+15 V @ 250 mA
+5 V @ 60 mA
Temp Range
0oC to +70oC
All specifications above typical, measured at 25 oC
Dimensions and Connections
4.5” L x 4.5” W x 1.5” H
Revision; 7/5/2012


Similar Part No. - BXMF1004

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
BXMF1000 APITECH-BXMF1000 Datasheet
62Kb / 1P
Frequency Multiplier (x2)
BXMF1001 APITECH-BXMF1001 Datasheet
66Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1002 APITECH-BXMF1002 Datasheet
151Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1003 APITECH-BXMF1003 Datasheet
151Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1005 APITECH-BXMF1005 Datasheet
150Kb / 1P
Frequency Multiplier (x4, x8)
More results

Similar Description - BXMF1004

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
BXMF1010 APITECH-BXMF1010 Datasheet
150Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1009 APITECH-BXMF1009 Datasheet
150Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1007 APITECH-BXMF1007 Datasheet
150Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1008 APITECH-BXMF1008 Datasheet
150Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1006 APITECH-BXMF1006 Datasheet
150Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1005 APITECH-BXMF1005 Datasheet
150Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1003 APITECH-BXMF1003 Datasheet
151Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1002 APITECH-BXMF1002 Datasheet
151Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1001 APITECH-BXMF1001 Datasheet
66Kb / 1P
Frequency Multiplier (x4, x8)
X4 APITECH-X4 Datasheet
183Kb / 1P
Frequency Multipliers X4, X8 Multiplication
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com