Electronic Components Datasheet Search
  English  ▼

X  

SRF2012 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRF2012
Description  SMD LINE FILTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRF2012 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRF2012 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Headquarters Riverside CA
www.bourns.com
page 1 of 1
CASRN: CAS Registry Number® is a Registered Trademark of the American Chemical Society
MATERIAL DECLARATION SHEET
Material Number
SRF2012 series
Product Line
SMD LINE FILTER
Compliance Date
2007/6/22
RoHS Compliant
Yes
MSL
2
No.
Construction
Element (subpart)
Homogeneous
Material
Material
weight
[mg]
Homogeneous
Material\
Substances
CASRN
if applicable
Materials
Mass %
Material
Mass % of
total unit wt.
Subpart
mass of total
wt. (%)
1
CORE
FERRITE CORE
11.86
Iron oxide
1309-37-1
62
54.83%
94.88
Nickel oxide
1313-99-1
8
8.43%
Zinc oxide
1314-13-2
20
21.08%
Copper oxide
1317-38-0
10
10. 54%
2
ADHESIVE
UV glue
0.16
Epoxy
25068-38-6
100
1.28%
1.28
3
WIRE
ENAMELLED
COPPER WIRE
0.16
Copper
7440-50-8
95
1.28%
1.28
Polyester Resin
68604-67-1
5
4
TERMINAL
PLATING
0.32
Copper
7440-50-8
100
2.56%
2.56
Nickel
7440-02-0
Tin
7440-31-5
Total weight 12.5 (mg)
This Document was updated on: 1-23-2012
Important remarks:
1.
It is the responsibility of the user to verify they are accessing the latest version.


Similar Part No. - SRF2012

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF2012-121Y BOURNS-SRF2012-121Y Datasheet
374Kb / 2P
SRF2012 Series - Common Mode Chip Inductors
SRF2012-121YA BOURNS-SRF2012-121YA Datasheet
413Kb / 3P
SRF2012A Series - Common Mode Chip Inductors
SRF2012-121YA BOURNS-SRF2012-121YA Datasheet
413Kb / 3P
Common Mode Chip Inductors
SRF2012-121YA BOURNS-SRF2012-121YA Datasheet
374Kb / 4P
Common Mode Chip Inductors
SRF2012-161Y BOURNS-SRF2012-161Y Datasheet
374Kb / 2P
SRF2012 Series - Common Mode Chip Inductors
More results

Similar Description - SRF2012

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SF0503110YL ABC-SF0503110YL Datasheet
1Mb / 7P
SMD LINE FILTER
SF0603001YL ABC-SF0603001YL Datasheet
621Kb / 8P
SMD LINE FILTER
SF0903470Y2B ABC-SF0903470Y2B Datasheet
1Mb / 7P
SMD LINE FILTER
SF0905100YL ABC-SF0905100YL Datasheet
136Kb / 7P
SMD LINE FILTER
SF1006121YL ABC-SF1006121YL Datasheet
1Mb / 6P
SMD LINE FILTER
SF1358350YL ABC-SF1358350YL Datasheet
600Kb / 7P
SMD LINE FILTER
SF2012300YL ABC-SF2012300YL Datasheet
248Kb / 7P
SMD LINE FILTER
SF3216900YL ABC-SF3216900YL Datasheet
216Kb / 7P
SMD LINE FILTER
SF6018100YL ABC-SF6018100YL Datasheet
582Kb / 7P
SMD LINE FILTER
logo
Bourns Electronic Solut...
SRF1306 BOURNS-SRF1306 Datasheet
36Kb / 1P
SMD Line Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com