Electronic Components Datasheet Search
  English  ▼

X  

BAV756S Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAV756S
Description  High-speed switching diodes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAV756S Datasheet(HTML) 3 Page - NXP Semiconductors

  BAV756S Datasheet HTML 1Page - NXP Semiconductors BAV756S Datasheet HTML 2Page - NXP Semiconductors BAV756S Datasheet HTML 3Page - NXP Semiconductors BAV756S Datasheet HTML 4Page - NXP Semiconductors BAV756S Datasheet HTML 5Page - NXP Semiconductors BAV756S Datasheet HTML 6Page - NXP Semiconductors BAV756S Datasheet HTML 7Page - NXP Semiconductors BAV756S Datasheet HTML 8Page - NXP Semiconductors BAV756S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
BAV756S_BAW56_SER_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 26 November 2007
3 of 15
NXP Semiconductors
BAV756S; BAW56 series
High-speed switching diodes
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
Table 4.
Ordering information
Type number
Package
Name
Description
Version
BAV756S
SC-88
plastic surface-mounted package; 6 leads
SOT363
BAW56
-
plastic surface-mounted package; 3 leads
SOT23
BAW56M
SC-101
leadless ultra small plastic package; 3 solder lands;
body 1.0
× 0.6 × 0.5 mm
SOT883
BAW56S
SC-88
plastic surface-mounted package; 6 leads
SOT363
BAW56T
SC-75
plastic surface-mounted package; 3 leads
SOT416
BAW56W
SC-70
plastic surface-mounted package; 3 leads
SOT323
Table 5.
Marking codes
Type number
Marking code[1]
BAV756S
A7*
BAW56
A1*
BAW56M
S5
BAW56S
A1*
BAW56T
A1
BAW56W
A1*
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VRRM
repetitive peak reverse
voltage
-90
V
VR
reverse voltage
-
90
V
IF
forward current
BAV756S
Ts =60 °C
-
250
mA
BAW56
Tamb ≤ 25 °C
-
215
mA
BAW56M
Tamb ≤ 25 °C
-
150
mA
BAW56S
Ts =60 °C
-
250
mA
BAW56T
Ts =90 °C
-
150
mA
BAW56W
Tamb ≤ 25 °C
-
150
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com