Electronic Components Datasheet Search
  English  ▼

X  

BCP53 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # BCP53
Description  80 V, 1 A PNP medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP53 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button BCP53 Datasheet HTML 14Page - NXP Semiconductors BCP53 Datasheet HTML 15Page - NXP Semiconductors BCP53 Datasheet HTML 16Page - NXP Semiconductors BCP53 Datasheet HTML 17Page - NXP Semiconductors BCP53 Datasheet HTML 18Page - NXP Semiconductors BCP53 Datasheet HTML 19Page - NXP Semiconductors BCP53 Datasheet HTML 20Page - NXP Semiconductors BCP53 Datasheet HTML 21Page - NXP Semiconductors BCP53 Datasheet HTML 22Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
BCP53_BCX53_BC53PA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 9 — 19 October 2011
21 of 22
NXP Semiconductors
BCP53; BCX53; BC53PA
80 V, 1 A PNP medium power transistors
Quick reference data — The Quick reference data is an extract of the
product data given in the Limiting values and Characteristics sections of this
document, and as such is not complete, exhaustive or legally binding.
13.4
Trademarks
Notice: All referenced brands, product names, service names and trademarks
are the property of their respective owners.
14. Contact information
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com