Electronic Components Datasheet Search
  English  ▼

X  

4145 Datasheet(PDF) 2 Page - API Technologies Corp

Part # 4145
Description  POWER DIVIDERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

4145 Datasheet(HTML) 2 Page - API Technologies Corp

  4145 Datasheet HTML 1Page - API Technologies Corp 4145 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT
POWER DIVIDERS
SPECIFICATION
FIVE-WAY, 2 TO 8 GHz
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603.459.1605
www.SpectrumMicrowave.com
Model
A”
B”
C”
D”
E”
F”
G”
H”
I”
J”
4135
3.20
.38
1.00
0.50
1.50
2.00
2.50
3.00
.50
.20
4145
2.25
.38
1.00
0.50
1.50
2.00
2.50
3.00
.50
.20
Model
A (cm)
B (cm)
C (cm)
D (cm)
E (cm)
F (cm)
G (cm)
H (cm)
I (cm)
J (cm)
4135
(8,13)
(0,97)
(2,54)
(1,27)
(3,81)
(5,08)
(6,35)
(7,62)
(1,27)
(0,51)
4145
(5,72)
(0,97)
(2,54)
(1,27)
(3,81)
(5,08)
(6,35)
(7,62)
(1,27)
(0,51)
MISCELLANEOUS:
1.
Spectrum Microwave “Standard Warranty and Order Terms and Conditions” apply to all orders.
2.
All specifications subject to change without notice.
3.
Check “Ordering and Availability Listing” for delivery and ordering information.
4.
Contact our local Manufacturers Representative for pricing.
Specification Revision - 071910



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com