Electronic Components Datasheet Search
  English  ▼

X  

HD64F3694FP Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # HD64F3694FP
Description  Old Company Name in Catalogs and Other Documents
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F3694FP Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button HD64F3694FP Datasheet HTML 93Page - Renesas Technology Corp HD64F3694FP Datasheet HTML 94Page - Renesas Technology Corp HD64F3694FP Datasheet HTML 95Page - Renesas Technology Corp HD64F3694FP Datasheet HTML 96Page - Renesas Technology Corp HD64F3694FP Datasheet HTML 97Page - Renesas Technology Corp HD64F3694FP Datasheet HTML 98Page - Renesas Technology Corp HD64F3694FP Datasheet HTML 99Page - Renesas Technology Corp HD64F3694FP Datasheet HTML 100Page - Renesas Technology Corp HD64F3694FP Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 452 page
background image
Section 4 Address Break
Rev.5.00 Nov. 02, 2005 Page 67 of 418
REJ09B0028-0500
Figures 4.2 show the operation examples of the address break interrupt setting.
NOP
instruc-
tion
prefetch
Register setting
• ABRKCR = H'80
• BAR = H'025A
Program
0258
025A
025C
0260
0262
:
*
NOP
NOP
MOV.W @H'025A,R0
NOP
NOP
:
0258
Address
bus
Interrupt
request
025A
025C
025E
SP-2
SP-4
NOP
instruc-
tion
prefetch
MOV
instruc-
tion 1
prefetch
MOV
instruc-
tion 2
prefetch
Internal
processing
Stack save
Interrupt acceptance
Underline indicates the address
to be stacked.
When the address break is specified in instruction execution cycle
φ
Figure 4.2 Address Break Interrupt Operation Example (1)
MOV
instruc-
tion 1
prefetch
Register setting
• ABRKCR = H'A0
• BAR = H'025A
Program
0258
025A
025C
0260
0262
:
*
NOP
NOP
MOV.W @H'025A,R0
NOP
NOP
:
025C
Address
bus
Interrupt
request
025E
0260
025A
0262
0264
SP-2
MOV
instruc-
tion 2
prefetch
NOP
instruc-
tion
prefetch
MOV
instruc-
tion
execution
Next
instru-
ction
prefetch
Internal
processing
Stack
save
NOP
instruc-
tion
prefetch
Interrupt acceptance
Underline indicates the address
to be stacked.
When the address break is specified in the data read cycle
φ
Figure 4.2 Address Break Interrupt Operation Example (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com