Electronic Components Datasheet Search
  English  ▼

X  

HD6433690 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # HD6433690
Description  Old Company Name in Catalogs and Other Documents
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433690 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button HD6433690 Datasheet HTML 35Page - Renesas Technology Corp HD6433690 Datasheet HTML 36Page - Renesas Technology Corp HD6433690 Datasheet HTML 37Page - Renesas Technology Corp HD6433690 Datasheet HTML 38Page - Renesas Technology Corp HD6433690 Datasheet HTML 39Page - Renesas Technology Corp HD6433690 Datasheet HTML 40Page - Renesas Technology Corp HD6433690 Datasheet HTML 41Page - Renesas Technology Corp HD6433690 Datasheet HTML 42Page - Renesas Technology Corp HD6433690 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 452 page
background image
Section 1 Overview
Rev.5.00 Nov. 02, 2005 Page 9 of 418
REJ09B0028-0500
1.4
Pin Functions
Table 1.1
Pin Functions
Pin No.
Type
Symbol
FP-64E
FP-64A
FP-48F
FP-48B
TNP-48
I/O
Functions
V
CC
12
10
Input
Power supply pin. Connect this pin to the
system power supply.
Power
source
pins
V
SS
9
7
Input
Ground pin. Connect this pin to the system
power supply (0V).
AV
CC
3
1
Input
Analog power supply pin for the A/D converter.
When the A/D converter is not used, connect
this pin to the system power supply.
V
CL
6
4
Input
Internal step-down power supply pin. Connect a
capacitor of around 0.1
µF between this pin
and the Vss pin for stabilization.
OSC1
11
9
Input
Clock
pins
OSC2
10
8
Output
These pins connect with crystal or ceramic
resonator for the system clock, or can be used
to input an external clock.
See section 5, Clock Pulse Generators, for a
typical connection.
X1
5
3
Input
X2
4
2
Output
These pins connect with a 32.768 kHz crystal
resonator for the subclock. See section 5,
Clock Pulse Generators, for a typical
connection.
System
control
RES
7
5
Input
Reset pin. The pull-up resistor (typ. 150 k
Ω) is
incorporated. When driven low, the chip is
reset.
TEST
8
6
Input
Test pin. Connect this pin to Vss.
NMI
35
25
Input
Non-maskable interrupt request input pin. Be
sure to pull-up by a pull-up resistor.
Interrupt
pins
IRQ0 to
IRQ3
51 to 54
37 to 40 Input
External interrupt request input pins. Can select
the rising or falling edge.
WKP0 to
WKP5
13, 14,
19 to 22
11 to 16 Input
External interrupt request input pins. Can select
the rising or falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com