Electronic Components Datasheet Search
  English  ▼

X  

AP777 Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # AP777
Description  Magic Sensor IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AP777 Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  AP777 Datasheet HTML 1Page - Aplus Intergrated Circuits AP777 Datasheet HTML 2Page - Aplus Intergrated Circuits AP777 Datasheet HTML 3Page - Aplus Intergrated Circuits AP777 Datasheet HTML 4Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 






 
                
!
 )*+,
!
 )*+-.
!
 //). /*/
!
 7%= .4% .4& .4%   .4&  
!
 /!/- > !" 0%?
#,&@#,0-  #AB,C7C > !" %0%?
#,!&@#,!0-  '"@'" !"#$ #$> !" %%0?
#,&@#,0- > !" 00%?














VIN3
VGN
VDD
VSS
OSCA2
OSCA1
SLA0
SLA1
SLA2
SLB0
SLB1
SLB2
VSS2
BUSY
OUTC
OUTB
OUTA
SLPOLAR
STANDBY
DB
DA
SLC2
SLC1
SLC0
VDD2
VIN1
VIN2
POW-ON
VDD OR GND
OUTA
OUTB
OUTC
BUSY
OUTB
BUSY
OUTA
OUTC
ACT1,ACT2
ACT3
OUTA
OUTB
OUTC
BUSY
OUTB
BUSY
OUTA
OUTC
ACT1,ACT2
ACT3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com