Electronic Components Datasheet Search
  English  ▼

X  

141SAPH Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 141SAPH
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

141SAPH Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 141SAPH Datasheet HTML 4Page - List of Unclassifed Manufacturers 141SAPH Datasheet HTML 5Page - List of Unclassifed Manufacturers 141SAPH Datasheet HTML 6Page - List of Unclassifed Manufacturers 141SAPH Datasheet HTML 7Page - List of Unclassifed Manufacturers 141SAPH Datasheet HTML 8Page - List of Unclassifed Manufacturers 141SAPH Datasheet HTML 9Page - List of Unclassifed Manufacturers 141SAPH Datasheet HTML 10Page - List of Unclassifed Manufacturers 141SAPH Datasheet HTML 11Page - List of Unclassifed Manufacturers 141SAPH Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
Special stainless steel, anti-glare finish, non-magnetic
Precision tweezers with very fine tips e.g. for handling fine wires.
Special stainless steel, anti-glare finish, non-magnetic
Same as 5SA but economy model
Special stainless steel, anti-glare finish, non-magnetic
Precision tweezers with medium tips.
Special stainless steel, anti-glare finish, non-magnetic
Same as 2SA but economy model.
115 mm
12 g
5MBS
115 mm
115 mm
115 mm
115 mm
115 mm
12 g
12 g
12 g
16 g
16 g
5FSA
5SA
5SASL
2SA
2SASL
Stainless steel, anti-glare finish
Precision tweezers with extremely fine tips (~ 0,03 x 0,07 mm)
for use in dissection procedures and handling of very small
samples e.g. under microscope. Only for use with soft materials.
Special stainless steel, anti-glare finish, non-magnetic
Precision tweezers with extremely fine tips (~ 0,05 x 0,1 mm)
for use in dissection procedures and handling of very small
samples e.g. under microscope. Only for use with soft materials.
90 mm
9 g
M4AS
Stainless steel, anti-glare finish
Micro tweezers with very small, very fine tips, e.g. for working
under microscope or handling tiny parts in HF assembly. Strong tips
due to hardened stainless steel.
110 mm
110 mm
13 g
13 g
4SA
4SASL
Special stainless steel, anti-glare finish, non-magnetic
Precision tweezers with very fine points..
Special stainless steel, anti-glare finish, non-magnetic
Same as 4SA but economy model.
8
Pointed Tips Straight Relieved
Pointed Tips Straight Relieved
Main application:
for better product visibility
e.g. under microscope or
working in confined areas,
for handling tiny components.
Length 90 mm
PRECISION TWEEZERS
Model
Length
Weight
Description
Length 110 mm
Model
Length
Weight
Description
Length 115 mm
Model
Length
Weight
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com