Electronic Components Datasheet Search
  English  ▼

X  

APC5800E Datasheet(PDF) 7 Page - Aplus Intergrated Circuits

Part # APC5800E
Description  DE-COMPRESSION VOICE IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APC5800E Datasheet(HTML) 7 Page - Aplus Intergrated Circuits

Back Button APC5800E Datasheet HTML 2Page - Aplus Intergrated Circuits APC5800E Datasheet HTML 3Page - Aplus Intergrated Circuits APC5800E Datasheet HTML 4Page - Aplus Intergrated Circuits APC5800E Datasheet HTML 5Page - Aplus Intergrated Circuits APC5800E Datasheet HTML 6Page - Aplus Intergrated Circuits APC5800E Datasheet HTML 7Page - Aplus Intergrated Circuits APC5800E Datasheet HTML 8Page - Aplus Intergrated Circuits APC5800E Datasheet HTML 9Page - Aplus Intergrated Circuits APC5800E Datasheet HTML 10Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
APLUS INTEGRATED CIRCUITS INC.
APC5800E
www.aplusinc.com.tw
TEL : 886-2-2782-9266
7
BIT - 1
=1
ENTRY SLEEP MODE. IN SLEEP MODE , THE BOTH OF MAIN
SYSTEM CLOCK AND
32768HZ WILL BESTOPPED, SO ALL
FUNCTION ARE STOPPED AND ONLY EXTERNAL INTERRUPT
CAN WAKE UP THIS CHIP
BIT – 3 ~ 2
00 : SYSTEM CLOCK = FXOSC/2 X 256(4.19MHZ)(DEFAULT).
01 : SYSTEM CLOCK = FXOSC/2 X 512(8.38MHZ)
10 : SYSTEM CLOCK = FXOSC/2 X 768(12.58MHZ)
BIT- 7 ~ 4
0XXX : FIX-TIMER DISABLE.
1000 : FIX-TIMER = 64HZ.
1001 : FIX-TIMER = 32HZ.
1010 : FIX-TIMER = 16HZ.
1011 : FIX-TIMER = 8HZ.
1100 : FIX-TIMER = 4HZ.
1101 : FIX-TIMER = 2HZ.
1110 : FIX-TIMER = 1HZ.
1111 : FIX-TIMER = 0.5HZ
3FE3 : PORT_A[7..0] INTERRUPT ENABLE REGISTER. WRITE ONLY.
AN ‘0’ IN THIS REGISTER WILL SET THE INTERRUPT FUNCTION OF THE CORRESPONDING PIN OF
PORT
_A TO BE ENABLED. THE DEFAULT VALUE FOR EACH BIT IS ‘1’.
3FE4 : PORT_A[7..0] DATA REGISTER. READ AND WRITE.
3FE5 : PORT_A[7..0] DIRECTION REGISTER. WRITE ONLY.
AN ‘1’ IN THIS REGISTER WILL SET THE CORRESPONDING PIN OF PORT_A TO BE OUTPUT.
THE DEFAULT VALUE FOR EACH BIT IS ZERO.
3FE6: PORT_B[7..0] DATA REGISTER. WRITE ONLY.
3FE7 : CLEAR WATCHDOG TIMER. WRITE ONLY.
THE WATCHDOG TIMER RESET WILL HAPPEN IF THE PROGRAMMER DO NOT CLEAR THE
WATCHDOG TIMER BEFORE WATCHDOG TIMER TIME
-OUT.
3FE8 VOICE CHANNEL 0 LOW BYTE. WRITE ONLY.
BIT 2-0 : RESERVED.
BIT 3: NO USE (MUST 0)
BIT 7-4: = VOICE CHANNEL 0 LOW NIBBLE BYTE.
3FE9 : VOICE CHANNEL 0 HIGH BYTE. WRITE ONLY.
THE RESOLUTION OF VOICE CHANNEL 0 IS 12 BITS($3FE9,$3FE8 BIT7_4).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com