Electronic Components Datasheet Search
  English  ▼

X  

APC5860 Datasheet(PDF) 8 Page - Aplus Intergrated Circuits

Part # APC5860
Description  APC5860 DE-COMPRESSION VOICE IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APC5860 Datasheet(HTML) 8 Page - Aplus Intergrated Circuits

Back Button APC5860 Datasheet HTML 2Page - Aplus Intergrated Circuits APC5860 Datasheet HTML 3Page - Aplus Intergrated Circuits APC5860 Datasheet HTML 4Page - Aplus Intergrated Circuits APC5860 Datasheet HTML 5Page - Aplus Intergrated Circuits APC5860 Datasheet HTML 6Page - Aplus Intergrated Circuits APC5860 Datasheet HTML 7Page - Aplus Intergrated Circuits APC5860 Datasheet HTML 8Page - Aplus Intergrated Circuits APC5860 Datasheet HTML 9Page - Aplus Intergrated Circuits APC5860 Datasheet HTML 10Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
APLUS INTEGRATED CIRCUITS INC.
APC5860
www.aplusinc.com.tw
TEL : 886-2-2782-9266
8
3FEA : BANK REGISTER FOR COPROCESSOR. WRITE ONLY.
3FEB : BANK REGISTER MSB BIT FOR COPROCESSOR. WRITE ONLY.
BANK REGISTER IS 9 BITS REGISTER($3FEB BIT0, $3FEA BIT7-0). THE MEMORY RANGE OF
BANK IS FROM
$4000 TO $7FFF.
BIT 7-1 : RESERVED.
3FEC,3FED : TIMER A DATA OR TONE0 GENERATOR. READ AND WRITE. AFTER TIMER_A BE
ENABLED
, THE TIMER WILL START TO COUNT DOWN. WHEN TIMER COUNTS TO ZERO, THE
TIMER WILL COUNT FROM THE INITIAL VALUE AND TIMER
_A IRQ WILL BE HAPPEN.
THE TIME ELAPSE = (($3FED,$3FEC)+1) / (TIMER A INPUT CLOCK).
3FEE : TIMER B LOW BYTE DATA. READ AND WRITE.
3FEF : TIMER B HIGH BYTE DATA. READ AND WRITE.
AFTER TIMER_B BE ENABLED, THE TIMER WILL START TO COUNT DOWN. WHEN TIMER COUNTS
TO ZERO
,THE TIMER WILL COUNT FROM THE INITIAL VALUE AND TIMER_B NMI WILL BE
HAPPEN
.
THE TIME ELAPSE = (($3FEF,$3FEE)+1) / (TIMER B INPUT CLOCK).
3FF0 : PORT_A[15..8] DIRECTION REGISTER. WRITE ONLY.
AN ‘1’ IN THIS REGISTER WILL SET THE CORRESPONDING PIN OF PORT_A TO BE OUTPUT.
THE DEFAULT VALUE FOR EACH BIT IS ZERO.
3FF1 : PORT_A[15..8] DATA REGISTER. READ AND WRITE.
3FF2: PORT_B[11..8] DATA REGISTER. WRITE ONLY.
BIT 3-0: PORT_B PIN 11 TO PIN 8.
BIT 7-4 : RESERVED.
3FF4 : BANK REGISTER FOR CPU. WRITE ONLY.
3FF5 : BANK REGISTER MSB BIT FOR CPU. WRITE ONLY.
BANK REGISTER IS 9 BITS REGISTER($3FF5 BIT0, $3FF4 BIT7-0).
THE MEMORY RANGE OF BANK IS FROM $4000 TO $7FFF.
BIT 1: RESERVED.
BIT 2: = 1 VOICE0 BUFFER BE TRANSFERRED TO DAC PORT DIRECTLY.(DEFAULT)
= 0 VOICE0 BUFFER WILL BE TRANSFERRED TO DAC PORT WHEN TIMER_B NMI HAPPEN.
BIT 7-3 : RESERVED.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com