Electronic Components Datasheet Search
  English  ▼

X  

CLG02P080L17 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CLG02P080L17
Description  Super Capacitors To Improve Power Performance.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLG02P080L17 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CLG02P080L17 Datasheet HTML 1Page - List of Unclassifed Manufacturers CLG02P080L17 Datasheet HTML 2Page - List of Unclassifed Manufacturers CLG02P080L17 Datasheet HTML 3Page - List of Unclassifed Manufacturers CLG02P080L17 Datasheet HTML 4Page - List of Unclassifed Manufacturers CLG02P080L17 Datasheet HTML 5Page - List of Unclassifed Manufacturers CLG02P080L17 Datasheet HTML 6Page - List of Unclassifed Manufacturers CLG02P080L17 Datasheet HTML 7Page - List of Unclassifed Manufacturers CLG02P080L17 Datasheet HTML 8Page - List of Unclassifed Manufacturers CLG02P080L17 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Revision: 21-3-10
Subject to change without notice
4
Product Schematics (by Case Size)
Product Schematics (by Case Size)
Product Schematics (by Case Size)
Product Schematics (by Case Size)
Product Schematics (by Case Size)
Product Schematics (by Case Size)
Product Schematics (by Case Size)
Product Schematics (by Case Size)
1_ Series Name
CLG :
CLG :
CLG :
CLG : Standard
CLP :
CLP :
CLP :
CLP : Low Profile
(P R E L I M I N A R Y )
(P R E L I M I N A R Y )
(P R E L I M I N A R Y )
(P R E L I M I N A R Y )
CLK
CLK
CLK
CLK :::: Extra Capacitance (P R E L I M I N A R Y )
(P R E L I M I N A R Y )
(P R E L I M I N A R Y )
(P R E L I M I N A R Y )
CLC :
CLC :
CLC :
CLC : Low Leakage
(P R E L I M I N A R Y )
(P R E L I M I N A R Y )
(P R E L I M I N A R Y )
(P R E L I M I N A R Y )
CLX
CLX
CLX
CLX :::: Low ESR
(P R E L I M I N A R Y )
(P R E L I M I N A R Y )
(P R E L I M I N A R Y )
(P R E L I M I N A R Y )
2_ Nominal Voltage:01 (1.4V); 02 (2.1V); 03 (3.5V); 04 (4.2V); 05 (5.5V); 06 (6.3V); 09 (9V); 12 (12V)
3_ Case Types: P - Prismatic
4_ Capacitance: 080 (80 mF)
5_ Leads: L-Trough Hole, F-Flat (P R E L I M I N A R Y )
(P R E L I M I N A R Y )
(P R E L I M I N A R Y )
(P R E L I M I N A R Y )
6_ Case Size: 12 (12X12.5mm), 17(17x17.5 mm), 28(28x17.5mm), 48(48X30.5mm)
Ordering Information
Ordering Information
Ordering Information
Ordering Information
Ordering Information
Ordering Information
Ordering Information
Ordering Information
L12
L17
L28
L48
1
2
3
4
5
6
CLG
02
P
080
L
17
P R E L I M I N A R Y
P R E L I M I N A R Y
P R E L I M I N A R Y
P R E L I M I N A R Y
—
—
—
— New prototype , not qualified yet
New prototype , not qualified yet
New prototype , not qualified yet
New prototype , not qualified yet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com