Electronic Components Datasheet Search
  English  ▼

X  

AVL367 Datasheet(PDF) 1 Page - Kemet Corporation

Part # AVL367
Description  Automatic Winding Machine
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

AVL367 Datasheet(HTML) 1 Page - Kemet Corporation

  AVL367 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADS367-R01-070108
EQUIPMENT REFERENCE DATA SHEET
AVL367
Automatic Winding Machine
OPTIONAL
Electrode and separator splicing.
Negative electrode tab protection (anode.)
Center hole opening.
Splicing detection and eventual reject.
High-Pot test.
Jelly roll diameter inspection and out of range rejection.
Vacuum cleaning of electrodes and their edges.
MAIN FEATURES
Three mandrels multi-head.
Two electrode reel holders, Positive and Negative
electrode interchangeable reels to obtain different
cell designs.
Tapered design mandrels.
Double coating electrodes winding.
Tab welding on free zone of electrodes.
Adhesive tape application on tabs (one or two
sides), for protection against separator damage.
Jelly roll sealing by adhesive tape.
Anode and cathode on-line alignment monitoring.
Available optional devices: Jelly roll diameter
check, High Pot test, Semiautomatic reel splicing.
JELLY ROLL
L
d
D
l -
w
l+
Dimensions
D
13
to
18
mm
L
40
to
70
mm
d
3.5 to
4
mm
l - (axial)
max
12
mm
l +
10
to
45
mm
w
3
to
5
mm
MACHINE PERFORMANCES
Speed
Mandrel rotation speed
max. 314 rad/s (3.000 rpm)
Tension force applied to the winding materials
Separators
0.98 to 3.9 N (100 to 400 g)
Electrodes
1.47 to 9.8 N (150 to 1000 g)
Winding presser roller
(1000 g max.)
Wrap presser roller
(4000 g max.)


Similar Part No. - AVL367

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
AVL SEI-AVL Datasheet
969Kb / 5P
Automotive Leaded Varistor
08/14/2019
logo
AEROTECH US. ALL RIGHTS...
AVL1000 AEROTECH-AVL1000 Datasheet
195Kb / 3P
Mechanical-Bearing Direct-Drive Lift Stage
logo
YAGEO Corporation
AVL11L02200 YAGEO-AVL11L02200 Datasheet
909Kb / 12P
Multi-Layer Chip Varistors
AVL11L03300 YAGEO-AVL11L03300 Datasheet
909Kb / 12P
Multi-Layer Chip Varistors
AVL14K0200 YAGEO-AVL14K0200 Datasheet
909Kb / 12P
Multi-Layer Chip Varistors
More results

Similar Description - AVL367

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
2A-268-1 KEMET-2A-268-1 Datasheet
128Kb / 1P
Automatic Winding Machine for Power Capacitors
2S-268-4 KEMET-2S-268-4 Datasheet
115Kb / 1P
Automatic Winding Machine for Power Capacitors
AVE533 KEMET-AVE533 Datasheet
123Kb / 1P
Automatic Winding Machine for Electrolytic Capacitors
AVE563 KEMET-AVE563 Datasheet
152Kb / 1P
Automatic Winding Machine for Multi-tab Electrolytic Capacitors
AVE709 KEMET-AVE709 Datasheet
136Kb / 1P
Automatic Winding Machine for Multi-tab Electrolytic Capacitors
AVM301 KEMET-AVM301 Datasheet
115Kb / 1P
Automatic Winding Machine for Miniature Capacitors
AVM406 KEMET-AVM406 Datasheet
550Kb / 1P
Automatic Winding Machine for Metallized Film Capacitors
AVM583 KEMET-AVM583 Datasheet
120Kb / 1P
Automatic Winding Machine for Metallized Film Capacitors
AVM606 KEMET-AVM606 Datasheet
790Kb / 1P
Automatic Winding Machine for Metallized Capacitors
AVS284 KEMET-AVS284 Datasheet
110Kb / 1P
Automatic Winding Machine for Metallized Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com