Electronic Components Datasheet Search
  English  ▼

X  

AVM583 Datasheet(PDF) 1 Page - Kemet Corporation

Part # AVM583
Description  Automatic Winding Machine for Metallized Film Capacitors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

AVM583 Datasheet(HTML) 1 Page - Kemet Corporation

  AVM583 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADS583A-R03-070108
EQUIPMENT REFERENCE DATA SHEET
AVM583A
Automatic Winding Machine for Metallized Film Capacitors
PRODUCT
D1 D
L
H
Ø
GENERAL INFORMATION
L
37.5
to
75
mm (double winding)
75
to
130
mm (single winding)
Ø
20
to
105
mm
D
9
to
21
mm
H
≤
80
mm (double winding)
≤
130 mm (single winding)
MAIN FEATURES
Winding machine for medium to big size
power capacitors, 1 or 2 elements/cycle,
stiff core, protection film.
Film stagger at the beginning and at the
end of winding to avoid the risk of short
circuit, or possibility to operate 1 burn-off
assembly.
Automatic control of winding parameters.
Very quick exchange of rolls with auto-
positioning.
Motorized wrapping film reels and
automatic tensioning.
Automatic film positioning control and
edge alignment.
Soft winding.


Similar Part No. - AVM583

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
AVM58-0 PF-AVM58-0 Datasheet
432Kb / 8P
Multiturn absolute encoder
AVM58-H PF-AVM58-H Datasheet
431Kb / 8P
Multiturn absolute encoder
AVM58-K PF-AVM58-K Datasheet
413Kb / 8P
Multiturn absolute encoder
More results

Similar Description - AVM583

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
2A-268-1 KEMET-2A-268-1 Datasheet
128Kb / 1P
Automatic Winding Machine for Power Capacitors
2S-268-4 KEMET-2S-268-4 Datasheet
115Kb / 1P
Automatic Winding Machine for Power Capacitors
AVE533 KEMET-AVE533 Datasheet
123Kb / 1P
Automatic Winding Machine for Electrolytic Capacitors
AVE563 KEMET-AVE563 Datasheet
152Kb / 1P
Automatic Winding Machine for Multi-tab Electrolytic Capacitors
AVE709 KEMET-AVE709 Datasheet
136Kb / 1P
Automatic Winding Machine for Multi-tab Electrolytic Capacitors
AVL367 KEMET-AVL367 Datasheet
204Kb / 1P
Automatic Winding Machine
AVM301 KEMET-AVM301 Datasheet
115Kb / 1P
Automatic Winding Machine for Miniature Capacitors
AVM406 KEMET-AVM406 Datasheet
550Kb / 1P
Automatic Winding Machine for Metallized Film Capacitors
AVM606 KEMET-AVM606 Datasheet
790Kb / 1P
Automatic Winding Machine for Metallized Capacitors
AVS284 KEMET-AVS284 Datasheet
110Kb / 1P
Automatic Winding Machine for Metallized Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com