Electronic Components Datasheet Search
  English  ▼

X  

APC5890 Datasheet(PDF) 1 Page - Aplus Intergrated Circuits

Part # APC5890
Description  APC5890 DE-COMPRESSION VOICE IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APC5890 Datasheet(HTML) 1 Page - Aplus Intergrated Circuits

  APC5890 Datasheet HTML 1Page - Aplus Intergrated Circuits APC5890 Datasheet HTML 2Page - Aplus Intergrated Circuits APC5890 Datasheet HTML 3Page - Aplus Intergrated Circuits APC5890 Datasheet HTML 4Page - Aplus Intergrated Circuits APC5890 Datasheet HTML 5Page - Aplus Intergrated Circuits APC5890 Datasheet HTML 6Page - Aplus Intergrated Circuits APC5890 Datasheet HTML 7Page - Aplus Intergrated Circuits APC5890 Datasheet HTML 8Page - Aplus Intergrated Circuits APC5890 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
APLUS INTEGRATED CIRCUITS INC.
APC5890
www.aplusinc.com.tw
TEL : 886-2-2782-9266
1
APC5890 DE-COMPRESSION VOICE IC
1.
CHIP FEATURES.
DUAL OPERATION FREQUENCIES:
- 32.768 KHZ & 0.5 SECOND TIMER INTERRUPT.
- BUILT-IN PLL CIRCUIT TO GENERATE SYSTEM CLOCK MAX 20MHZ.
BUILT-IN 2KBYTES(1K*16) RAM.
ADDRESS UP TO 8MBYTE(4M*16) RAM OR ROM OR “ROM AND RAM”
BUILT-IN 16KBYTE(8K*16) PROGRAM ROM AND 1.5M BYTE(768K*16) DATA ROM
BUILT-IN DECOMPRESSION ENGINE
THE VOICE AND MUSIC DE-COMPRESSION RATE IS AS THE FOLLOWS:
- 2.25KBIT/SEC - 2.7KBIT/SEC - 3.15KBIT/SEC - 3.6KBIT/SEC - 4.8KBIT/SEC - 6.0KBIT/SEC
- 7.2KBIT/SEC - 8.4KBIT/SEC - 9.6KBIT/SEC - 10.8KBIT/SEC - 12.0 KBIT/SEC - 13.2 KBIT/SEC
- 14.4 KBIT/SEC
DE
-COMPRESSION RATE
VOICE DURATION
DE
-COMPRESSION RATE
VOICE DURATION
2.25 K BIT/SEC
91 min.
8.4 K BIT/SEC
24.38 min.
2.7 K BIT/SEC
75.85 min.
9.6 K BIT/SEC
21.33 min.
3.15 K BIT/SEC
65.01 min.
10.8 K BIT/SEC
18.96 min.
3.6 K BIT/SEC
56.89 min.
12.0 K BIT/SEC
17.07 min.
4.8 K BIT/SEC
42.67 min.
13.2 K BIT/SEC
15.52 min.
6.0 K BIT/SEC
34.13 min.
14.4 K BIT/SEC
14.22 min.
7.2 K BIT/SEC
28.44 min.
BUILT-IN 12 BITS D/A, 8 BITS ADC.
I/O PORTS
16 I/O PINS FOR PORT A.
12 OUTPUT FOR PORT B.
16 I/O PINS FOR PORT C.
TWO 16BITS TIMERS : TIMER_A AND TIMER_B.
WATCHDOG TIMER.
SLEEP MODE : CRYSTAL & SYSTEM


Similar Part No. - APC5890

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APC5800E APLUS-APC5800E Datasheet
261Kb / 10P
DE-COMPRESSION VOICE IC
APC5830 APLUS-APC5830 Datasheet
252Kb / 10P
APC5830 DE-COMPRESSION VOICE IC
APC5860 APLUS-APC5860 Datasheet
252Kb / 10P
APC5860 DE-COMPRESSION VOICE IC
More results

Similar Description - APC5890

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APC5800E APLUS-APC5800E Datasheet
261Kb / 10P
DE-COMPRESSION VOICE IC
APC5830 APLUS-APC5830 Datasheet
252Kb / 10P
APC5830 DE-COMPRESSION VOICE IC
APC5860 APLUS-APC5860 Datasheet
252Kb / 10P
APC5860 DE-COMPRESSION VOICE IC
P89021 APLUS-P89021 Datasheet
236Kb / 18P
VOICE OTP IC
P89042 APLUS-P89042 Datasheet
245Kb / 19P
VOICE OTP IC
P89085 APLUS-P89085 Datasheet
359Kb / 24P
VOICE OTP IC
P89170 APLUS-P89170 Datasheet
359Kb / 24P
VOICE OTP IC
P89341 APLUS-P89341 Datasheet
359Kb / 24P
VOICE OTP IC
PR33A3 APLUS-PR33A3 Datasheet
1Mb / 27P
Recording voice IC
logo
SHENZHEN FUMAN ELECTRON...
SC7072B FUMAN-SC7072B Datasheet
147Kb / 4P
Voice-changing IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com