Electronic Components Datasheet Search
  English  ▼

X  

VRMS=17V Datasheet(PDF) 44 Page - EPCOS

Part # VRMS=17V
Description  SIOV metal oxide varistors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

VRMS=17V Datasheet(HTML) 44 Page - EPCOS

Back Button VRMS=17V Datasheet HTML 38Page - EPCOS VRMS=17V Datasheet HTML 39Page - EPCOS VRMS=17V Datasheet HTML 40Page - EPCOS VRMS=17V Datasheet HTML 41Page - EPCOS VRMS=17V Datasheet HTML 42Page - EPCOS VRMS=17V Datasheet HTML 43Page - EPCOS VRMS=17V Datasheet HTML 44Page - EPCOS VRMS=17V Datasheet HTML 45Page - EPCOS VRMS=17V Datasheet HTML 46Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
Mounting
1.
Potting, sealing or adhesive compounds can produce chemical reactions in the SIOV ceramic
that will degrade the component’s electrical characteristics.
2.
Overloading SIOVs may result in ruptured packages and expulsion of hot materials. For this
reason SIOVs should be physically shielded from adjacent components.
Operation
1.
Use SIOVs only within the specified temperature operating range.
2.
Use SIOVs only within the specified voltage and current ranges.
3.
Environmental conditions must not harm SIOVs. Use SIOVs only in normal atmospheric con-
ditions. Avoid use in deoxidizing gases (chlorine gas, hydrogen sulfide gas, ammonia gas,
sulfuric acid gas etc), corrosive agents, humid or salty conditions.Contact with any liquids and
solvents should be prevented.
Leaded varistors
B722*
StandarD series
Page 44 of 46
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com