Electronic Components Datasheet Search
  English  ▼

X  

PCI-8570 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PCI-8570
Description  PCI-to-PXI/PXI-to-PXI Expansion Kits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCI-8570 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PCI-8570 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5-7 www.adlinktech.com
PCI-to-PXI/PXI-to-PXI Expansion Kits
PCI-8570/PXI-8570
Features
■ Direct PC control of PXI/CompactPCI systems
■ Multi-chassis configurations for PXI/CompactPCI
■ Up to 2 PCI segments extended from single PCI/PXI-8570
■ Up to 64-bit, 66 MHz PCI bus expansion
■ StarFabric link performance
■ 528 MB/s peak (64-bit, 66 MHz PCI)
■ 132 MB/s peak (32-bit, 33 MHz PCI)
■ expansion distance of up to 10 meters
(extension cables at 2 M, 5 M, and 10 M)
■ Completely hardware and software transparent
■ Independence of operating systems
■ Seamless PCI interrupt extension
■ Compliant with
•PCI local Bus Specifications Rev. 2.2
•PCI-to-PCI Bridge Architecture Specifications Rev. 1.1
•PXI Specifications Rev. 2.2
Introduction
The ADLINK PCI/PXI-8570 expansion kit is a PCI-to-PXI or PXI-to-PXI expansion module that functions as
a transparent PCI-to-PCI bridge register set. Implementing master and slave extension modules, users can
have direct control of PXI/CompactPCI chassis from any other PC or another PXI/CompactPCI system. All
devices on the system are deemed to be local devices on the same PCI bus.
The PCI interface supports 64-bit or 32-bit PCI buses operating at 66 MHz or 33 MHz. By adopting shielded
twisted copper cables, PCI-8570/PXI-8570 can expand the transmission distance to 10 meters. One master
expansion card (either PCI-8570 or PXI-8570) can expand up to 2 slave expansion modules (PXI-8570) at the
same time. A bundled link can support the full bandwidth of a 64-bit/66 MHz PCI bus. All interrupts asserted by
add-in cards in the expansion system are passed through the expansion set to the host system.
With ADLINK PCI/PXI-8570, users can combine PCI, CompactPCI, and PXI devices in the same system,
increase the available number of PXI/CompactPCI slots for high-density I/O application and separate a
control system from a harsh environment with an expansion chassis.
General Specifications
•Operating temperature: 0°C to 50°C
•Storage temperature: -20°C to 80°C
•Relative humidity: 10% to 90%, non-condensing
Ordering Information
■ PCI-PXI Expansion Kit
Includes One PCI-8570, One PXI-8570, and One
ACL-PXIES-2 Cable
■ PXI-PXI Expansion Kit
Includes Two PXI-8570 and One ACLPXIES- 2 Cable
■ PCI-8570
PCI-to-PXI Expansion Interface Card for Host PC
■ PXI-8570
PCI-to-PXI/PXI-to-PXI Expansion Interface
Module for PXI Chassis
■ ACL-PXIES-2
Copper Cable Kit, 2 M
■ ACL-PXIES-5
Copper Cable Kit, 5 M
■ ACL-PXIES-10
Copper Cable Kit, 10 M
■
PCI-8570
• PCI™ local bus specifications Rev. 2.2 compliant
• Maximum data throughput
-
132 MB/s (32-bit, 33 MHz PCI)
-
528 MB/s (64-bit, 66 MHz PCI)
• I/O Connector: RJ-45 connector x 4
• Extended distance of up to 10 meters
• Dimensions (not including connectors): 160 mm (H) x 100 mm (W)
• Power requirement:
■
PXI-8570
• PXI™ Specifications Rev. 2.2 compliant
• PCI-to-PCI Bridge Architecture Specifications Rev. 1.1 compliant
• PCI™ Local Bus Specifications Rev. 2.2 compliant
• Supports both 32-bit/66 MHz and 64-bit/66 MHz PCI™ interface
• I/O Connector: RJ-45 connector x 4
• Internal arbiter supports up to 7 external masters
• Up to seven PCI clock/bus requests
• Extended distance of up to 10 meters
• Dimensions: 3U PXI form factor 175 mm (W) x 107 mm (H)
• Power requirement
■
ACL-PXIES-2/-5/-10
• Length: 2 M, 5 M, 10 M
Specifications
Certification
•EMC/EMI: CE, FCC Class A
PCI-8570
PXI-8570
ACL-PXIES-2/-5/-10
+5 V
190 mA
Device
PCI-8570
+3.3 V
250 mA
Device
PXI-8570
+3.3 V
540 mA
Expansion Kits
Updated 03-28, 2012. ©2012 ADLINK Technology, Inc. All Rights Reserved. All specifications are subject to change without further notice.


Similar Part No. - PCI-8570

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCI-8504 ETC2-PCI-8504 Datasheet
762Kb / 2P
4-Axis Motion Control Board
PCI-8504L ETC2-PCI-8504L Datasheet
762Kb / 2P
4-Axis Motion Control Board
PCI-8554 ETC2-PCI-8554 Datasheet
311Kb / 1P
10-CH General Purpose Timers/Counters & 8-CH DIO Card
More results

Similar Description - PCI-8570

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-CARDBUS8310 NI-PXI-CARDBUS8310 Datasheet
618Kb / 3P
PXI-CardBus8310/CardBus-to-PXI remote control/Up to 50 MB/s sustained throughput
PXIE-EXPRESSCARD8360 NI-PXIE-EXPRESSCARD8360 Datasheet
503Kb / 3P
Laptop Control of PXI (ExpressCard MXI for PXI Express)
PXI-PCIE8361 NI-PXI-PCIE8361 Datasheet
628Kb / 4P
PCI Express Control of PXI (MXI-Express)
PXI-665X NI-PXI-665X Datasheet
686Kb / 4P
PXI and PXI Express Timing and Synchronization Control
logo
List of Unclassifed Man...
PCIE-8560 ETC2-PCIE-8560 Datasheet
262Kb / 1P
PCI Express-to-PXI/CompactPCI Expansion Kits
PXIE-3985 ETC2-PXIE-3985 Datasheet
237Kb / 2P
PXI-5 PXI Express hardware specification Rev.1.0
PXI-9527 ETC2-PXI-9527 Datasheet
222Kb / 2P
PXI specifications Rev. 2.2 compliant (PXI-9527)
PXIE-8638 ETC2-PXIE-8638 Datasheet
248Kb / 1P
PXI-5 PXI Express hardware specification Rev.1.0 compliant
logo
Adlink Technology Inc.
PCIE-8560 ADLINK-PCIE-8560 Datasheet
261Kb / 1P
PCI Express Control of PXI/CompactPCI
PCIE-PXIE-8638 ADLINK-PCIE-PXIE-8638 Datasheet
272Kb / 2P
PCI Express Control of PXI Express
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com