Electronic Components Datasheet Search
  English  ▼

X  

N74F07N Datasheet(PDF) 4 Page - NXP Semiconductors

Part # N74F07N
Description  Inverter/buffer drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F07N Datasheet(HTML) 4 Page - NXP Semiconductors

  N74F07N Datasheet HTML 1Page - NXP Semiconductors N74F07N Datasheet HTML 2Page - NXP Semiconductors N74F07N Datasheet HTML 3Page - NXP Semiconductors N74F07N Datasheet HTML 4Page - NXP Semiconductors N74F07N Datasheet HTML 5Page - NXP Semiconductors N74F07N Datasheet HTML 6Page - NXP Semiconductors N74F07N Datasheet HTML 7Page - NXP Semiconductors N74F07N Datasheet HTML 8Page - NXP Semiconductors N74F07N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Philips Semiconductors
Product data
74F07
Hex inverter/buffer drivers (open-collector)
2004 Mar 12
4
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to 12
V
IOUT
Current applied to output in Low output state
128
mA
Tamb
Operating free air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
MIN
NOM
MAX
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIk
Input clamp current
–18
mA
VOH
High-level output voltage
12
V
IOL
Low-level output current
64
mA
Tamb
Operating free air temperature range
0
+70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com