Electronic Components Datasheet Search
  English  ▼

X  

PCA9512AD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9512AD
Description  Level shifting hot swappable I2C-bus and SMBus bus buffer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9512AD Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9512AD Datasheet HTML 1Page - NXP Semiconductors PCA9512AD Datasheet HTML 2Page - NXP Semiconductors PCA9512AD Datasheet HTML 3Page - NXP Semiconductors PCA9512AD Datasheet HTML 4Page - NXP Semiconductors PCA9512AD Datasheet HTML 5Page - NXP Semiconductors PCA9512AD Datasheet HTML 6Page - NXP Semiconductors PCA9512AD Datasheet HTML 7Page - NXP Semiconductors PCA9512AD Datasheet HTML 8Page - NXP Semiconductors PCA9512AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
PCA9512A_PCA9512B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 6 — 1 March 2013
2 of 27
NXP Semiconductors
PCA9512A; PCA9512B
Level shifting hot swappable I2C-bus and SMBus bus buffer
Operating power supply voltage range: 2.7 V to 5.5 V
0 Hz to 400 kHz clock frequency
ESD protection exceeds 2000 V HBM per JESD22-A114 and 1000 V CDM per
JESD22-C101
Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
Packages offered: SO8, TSSOP8 (MSOP8)
3.
Applications
cPCI, VME, AdvancedTCA cards and other multipoint backplane cards that are
required to be inserted or removed from an operating system
4.
Feature selection
Table 1.
Feature selection chart
Feature
PCA9510A PCA9511A PCA9512A/B PCA9513A PCA9514A
Idle detect
yes
yes
yes
yes
yes
High-impedance SDAn, SCLn pins for VCC = 0 V
yesyesyes
yesyes
Rise time accelerator circuitry on SDAn and SCLn pins -
yes
yes
yes
yes
Rise time accelerator circuitry hardware disable pin for
lightly loaded systems
--yes
--
Rise time accelerator threshold 0.8 V versus 0.6 V
improves noise margin
---
yes
yes
Ready open-drain output
yes
yes
-
yes
yes
Two VCC pins to support 5 V to 3.3 V level translation
with improved noise margins
--yes
--
1 V precharge on all SDAn and SCLn pins
in only
yes
yes
-
-
92
A current source on SCLIN and SDAIN for PICMG
applications
---
yes
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com