Electronic Components Datasheet Search
  English  ▼

X  

PDTC114EE Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PDTC114EE
Description  NPN resistor-equipped transistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC114EE Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PDTC114EE Datasheet HTML 5Page - NXP Semiconductors PDTC114EE Datasheet HTML 6Page - NXP Semiconductors PDTC114EE Datasheet HTML 7Page - NXP Semiconductors PDTC114EE Datasheet HTML 8Page - NXP Semiconductors PDTC114EE Datasheet HTML 9Page - NXP Semiconductors PDTC114EE Datasheet HTML 10Page - NXP Semiconductors PDTC114EE Datasheet HTML 11Page - NXP Semiconductors PDTC114EE Datasheet HTML 12Page - NXP Semiconductors PDTC114EE Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
PDTC114E_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 12 — 21 December 2011
9 of 17
NXP Semiconductors
PDTC114E series
NPN resistor-equipped transistors; R1 = 10 k
, R2 = 10 k
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
f=1MHz; Tamb =25 CVCE =5V; Tamb =25 C
Fig 10. Collector capacitance as a function of
collector-base voltage; typical values
Fig 11. Transition frequency as a function of collector
current; typical values of built-in transistor
VCB (V)
050
40
20
30
10
006aac772
1
2
3
Cc
(pF)
0
006aac757
IC (mA)
10-1
102
10
1
102
103
fT
(MHz)
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com