Electronic Components Datasheet Search
  English  ▼

X  

PESD2CAN Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PESD2CAN
Description  CAN bus ESD protection diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD2CAN Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PESD2CAN Datasheet HTML 2Page - NXP Semiconductors PESD2CAN Datasheet HTML 3Page - NXP Semiconductors PESD2CAN Datasheet HTML 4Page - NXP Semiconductors PESD2CAN Datasheet HTML 5Page - NXP Semiconductors PESD2CAN Datasheet HTML 6Page - NXP Semiconductors PESD2CAN Datasheet HTML 7Page - NXP Semiconductors PESD2CAN Datasheet HTML 8Page - NXP Semiconductors PESD2CAN Datasheet HTML 9Page - NXP Semiconductors PESD2CAN Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PESD2CAN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 27 September 2012
6 of 13
NXP Semiconductors
PESD2CAN
CAN bus ESD protection diode
Fig 9.
ESD clamping test setup and waveforms
006aaa941
50
Ω
RZ
CZ
D.U.T.
(Device
Under
Test)
unclamped
+8 kV ESD pulse waveform
(IEC 61000-4-2 network)
clamped
+8 kV ESD pulse waveform
(IEC 61000-4-2 network), Pin 1 to 3
unclamped
−8 kV ESD pulse waveform
(IEC 61000-4-2 network)
clamped
−8 kV ESD voltage waveform
(IEC 61000-4-2 network), Pin 1 to 3
450
Ω
RG 223/U
50
Ω coax
ESD TESTER
IEC 61000-4-2 network
CZ = 150 pF; RZ = 330 Ω
4 GHz DIGITAL
OSCILLOSCOPE
10
×
ATTENUATOR
vertical scale = 10 A/div
horizontal scale = 15 ns/div
vertical scale = 25 V/div
horizontal scale = 100 ns/div
vertical scale = 10 A/div
horizontal scale = 15 ns/div
vertical scale = 25 V/div
horizontal scale = 100 ns/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com