Electronic Components Datasheet Search
  English  ▼

X  

PDZ12B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PDZ12B
Description  Voltage regulator diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDZ12B Datasheet(HTML) 6 Page - NXP Semiconductors

  PDZ12B Datasheet HTML 1Page - NXP Semiconductors PDZ12B Datasheet HTML 2Page - NXP Semiconductors PDZ12B Datasheet HTML 3Page - NXP Semiconductors PDZ12B Datasheet HTML 4Page - NXP Semiconductors PDZ12B Datasheet HTML 5Page - NXP Semiconductors PDZ12B Datasheet HTML 6Page - NXP Semiconductors PDZ12B Datasheet HTML 7Page - NXP Semiconductors PDZ12B Datasheet HTML 8Page - NXP Semiconductors PDZ12B Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2004 Mar 22
6
NXP Semiconductors
Product data sheet
Voltage regulator diodes
PDZ-B series
GRAPHICAL DATA
Fig.2 Power derating curve.
handbook, halfpage
0
50
100
200
Tamb (°C)
Ptot
(mW)
500
400
300
100
0
200
150
MBK245
Tj = 25 °C.
Fig.3
Forward current as a function of forward
voltage; typical values.
handbook, halfpage
0.6
1
300
100
0
200
MBG781
0.8
VF (V)
IF
(mA)
Fig.4
Temperature coefficient as a function of
working current; typical values.
PDZ2.4B to PDZ4.3B.
Tj = 25 °C to 150 °C.
handbook, halfpage
060
0
−2
−3
−1
MGL273
20
40
IZ (mA)
SZ
(mV/K)
4.3
3.9
3.6
3.3
3.0
2.4
2.7
Fig.5
Temperature coefficient as a function of
working current; typical values.
PDZ4.7B to PDZ12B.
Tj = 25 °C to 150 °C.
handbook, halfpage
020
16
10
0
−5
5
MGL274
48
12
IZ (mA)
SZ
(mV/K)
4.7
12
11
10
9.1
8.2
7.5
6.8
6.2
5.6
5.1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com