Electronic Components Datasheet Search
  English  ▼

X  

LF356 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LF356
Description  JFET Input Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LF356 Datasheet(HTML) 1 Page - Texas Instruments

  LF356 Datasheet HTML 1Page - Texas Instruments LF356 Datasheet HTML 2Page - Texas Instruments LF356 Datasheet HTML 3Page - Texas Instruments LF356 Datasheet HTML 4Page - Texas Instruments LF356 Datasheet HTML 5Page - Texas Instruments LF356 Datasheet HTML 6Page - Texas Instruments LF356 Datasheet HTML 7Page - Texas Instruments LF356 Datasheet HTML 8Page - Texas Instruments LF356 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LF155, LF156, LF355, LF356, LF357
www.ti.com
SNOSBH0C – MAY 2000 – REVISED MARCH 2013
LF155/LF156/LF256/LF257/LF355/LF356/LF357 JFET Input Operational Amplifiers
Check for Samples: LF155, LF156, LF355, LF356, LF357
1
FEATURES
DESCRIPTION
These are the first monolithic JFET input operational
23
Advantages
amplifiers to incorporate well matched, high voltage
•
Replace Expensive Hybrid and Module FET Op
JFETs on the same chip with standard bipolar
Amps
transistors ( BI-FET™ Technology). These amplifiers
•
Rugged JFETs Allow Blow-Out Free Handling
feature low input bias and offset currents/low offset
voltage and offset voltage drift, coupled with offset
Compared with MOSFET Input Devices
adjust which does not degrade drift or common-mode
•
Excellent for Low Noise Applications Using
rejection. The devices are also designed for high slew
Either High or Low Source Impedance—Very
rate, wide bandwidth, extremely fast settling time, low
Low 1/f Corner
voltage and current noise and a low 1/f noise corner.
•
Offset Adjust Does Not Degrade Drift or
Common-Mode Rejection as in Most
Common Features
Monolithic Amplifiers
•
Low Input Bias Current:
30pA
•
New Output Stage Allows Use of Large
•
Low Input Offset Current:
3pA
Capacitive Loads (5,000 pF) without Stability
•
High Input Impedance:
1012
Ω
Problems
•
Low Input Noise Current:
0.01 pA/
√Hz
•
Internal Compensation and Large Differential
•
High Common-Mode Rejection Ratio:
100 dB
Input Voltage Capability
•
Large DC Voltage Gain:
106 dB
APPLICATIONS
Table 1. Uncommon Features
•
Precision High Speed Integrators
LF155/
LF156/
LF257/
Units
LF355
LF256/
LF357
•
Fast D/A and A/D Converters
LF356
(AV=5)
•
High Impedance Buffers
Extremely fast
4
1.5
1.5
μs
settling time to 0.01%
•
Wideband, Low Noise, Low Drift Amplifiers
Fast slew rate
5
12
50
V/µs
•
Logarithmic Amplifiers
Wide gain bandwidth
2.5
5
20
MHz
•
Photocell Amplifiers
Low input noise
20
12
12
nV /
√Hz
•
Sample and Hold Circuits
voltage
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
BI-FET is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LF356

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF356 STMICROELECTRONICS-LF356 Datasheet
250Kb / 14P
WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIERS
Jul-1998
logo
Linear Technology
LF356 LINER-LF356 Datasheet
422Kb / 4P
JFET-Input Operational Amplifiers Low Supply Current High Speed
logo
National Semiconductor ...
LF356 NSC-LF356 Datasheet
1Mb / 23P
JFET Input Operational Amplifiers
LF356 NSC-LF356 Datasheet
543Kb / 15P
Series Monolithic JFET Input Operational Amplifiers
logo
Texas Instruments
LF356 TI-LF356 Datasheet
2Mb / 32P
LF155/LF156/LF256/LF257/LF355/LF356/LF357 JFET Input Operational Amplifiers
More results

Similar Description - LF356

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081_04 Datasheet
862Kb / 37P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL087 TI-TL087_07 Datasheet
387Kb / 22P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL091 TI-TL091 Datasheet
610Kb / 8P
JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
JFET-Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
JFET Input Operational Amplifiers
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com