Electronic Components Datasheet Search
  English  ▼

X  

LM2623 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2623
Description  LM2623 General Purpose, Gated Oscillator Based, DC/DC Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2623 Datasheet(HTML) 2 Page - Texas Instruments

  LM2623 Datasheet HTML 1Page - Texas Instruments LM2623 Datasheet HTML 2Page - Texas Instruments LM2623 Datasheet HTML 3Page - Texas Instruments LM2623 Datasheet HTML 4Page - Texas Instruments LM2623 Datasheet HTML 5Page - Texas Instruments LM2623 Datasheet HTML 6Page - Texas Instruments LM2623 Datasheet HTML 7Page - Texas Instruments LM2623 Datasheet HTML 8Page - Texas Instruments LM2623 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LM2623
SNVS188G – MAY 2004 – REVISED DECEMBER 2005
www.ti.com
Connection Diagram
Figure 1. WSON Package
Top View
Figure 2. VSSOP-8 (DGK) Package
Top View
Pin Description
WSON-14 Pin
VSSOP-8 Pin
Name
Function
1
NC
No Connect
2, 3
1
PGND
Power Ground (WSON Pins 2 & 3 must be shorted together).
4
2
EN
Active-Low Shutdown Input
5
3
FREQ
Frequency Adjust. An external resistor connected between this pin
and a voltage source sets the switching frequency of the LM2623.
6
4
FB
Output Voltage Feedback
7
NC
No Connect
8
NC
No connect
9
5
SGND
Signal Ground
10
6
VDD
Power Supply for Internal Circuitry
11
7
BOOT
Bootstrap Supply for the Gate Drive of Internal MOSFET Power
Switch
12, 13
8
SW
Drain of the Internal MOSFET Power Switch. (WSON Pins 12 & 13
must be shorted together).
14
NC
No Connect
DAP
DAP
To be soldered to board for enhanced thermal dissipation. To be
electrically isolated/floating.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM2623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com