Electronic Components Datasheet Search
  English  ▼

X  

LM2641 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2641
Description  LM2641 Dual Adjustable Step-Down Switching Power Supply Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2641 Datasheet(HTML) 2 Page - Texas Instruments

  LM2641 Datasheet HTML 1Page - Texas Instruments LM2641 Datasheet HTML 2Page - Texas Instruments LM2641 Datasheet HTML 3Page - Texas Instruments LM2641 Datasheet HTML 4Page - Texas Instruments LM2641 Datasheet HTML 5Page - Texas Instruments LM2641 Datasheet HTML 6Page - Texas Instruments LM2641 Datasheet HTML 7Page - Texas Instruments LM2641 Datasheet HTML 8Page - Texas Instruments LM2641 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
LM2641
SNVS040B – JANUARY 2000 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Figure 1. 28-Lead TSSOP (PW)
Top View
See Package Number PW0028A
Pin Descriptions(1)
Pin #
Name
Function
1
CSH2
The sense point for the positive side of the voltage across the current sense resistor (R13) placed in
series with output #2.
2
FB2
The regulated output voltage appearing at output #2 is sensed using this pin by connecting it to the
center of the output resistive divider (R15 and R16).
3
COMP2
An R-C network made up of R11, C10, and C12 is connected to this pin which provides loop
compensation for regulated output #2.
4
SS2
This provides programmable soft-start for the #2 output along with capacitor C15.
5
ON/OFF2
This pin turns off only output #2.
6
SD
The part can be put into “sleep” mode using this pin, where both outputs are off and the internal chip
functions are shut down.
7
SYNC
The internal oscillator may be synchronized to an external clock via this pin.
8
GND
Connect this pin to circuit Signal Ground.
9
REF
Internal 2.5V reference voltage. This voltage is turned off by the SD pin, but remains on if either or both
ON/OFF pins are pulled low, which turns off the regulated output(s).
10
2NDFB/FPWM
A 12V supply can be generated using an auxiliary winding on the 5V output inductor. Feedback to
control this 12V output is brought in through this pin. If the 12V supply is not required, this pin can also
force the chip to operate at fixed frequency at light loads by pulling the pin low (this is the “forced-PWM”
mode of operation). This will prevent the converter from operating in pulse-skipping mode.
11
ON/OFF1
This pin turns off only output #1.
12
SS1
This provides programmable soft-start for the #1 output along with capacitor C3.
13
COMP1
An R-C network made up of R6, C5, and C7 is connected to this pin which provides loop compensation
for regulated output #1.
14
FB1
The regulated output voltage appearing at output #1 is sensed using this pin by connecting it to the
center of the output resistive divider (R1 and R2).
15
CSH1
The sense point for the positive side of the voltage across the current sense resistor (R4) placed in
series with output #1.
16
HDRV1
The drive for the gate of the high-side switching FET used for output #1.
17
SW1
This is the switching output drive point of the two power FETs which produce output #1.
18
CBOOT1
The bootstrap capacitor (C8) for output #1 is returned to this point.
19
LDRV1
The drive for the gate of the low-side switching FET (synchronous rectifier) used for output #1.
20
PGND
Connect this pin to circuit Power Ground.
(1)
(Refer to Typical Application Circuits)
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com