Electronic Components Datasheet Search
  English  ▼

X  

LM2670 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM2670
Description  LM2670 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2670 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM2670 Datasheet HTML 15Page - Texas Instruments LM2670 Datasheet HTML 16Page - Texas Instruments LM2670 Datasheet HTML 17Page - Texas Instruments LM2670 Datasheet HTML 18Page - Texas Instruments LM2670 Datasheet HTML 19Page - Texas Instruments LM2670 Datasheet HTML 20Page - Texas Instruments LM2670 Datasheet HTML 21Page - Texas Instruments LM2670 Datasheet HTML 22Page - Texas Instruments LM2670 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
LM2670
www.ti.com
SNVS036J – APRIL 2000 – REVISED APRIL 2013
Table 1. Inductor Manufacturer Part Numbers
Renco
Pulse Engineering
Coilcraft
Inductor
Inductance
Current
Reference
Through Hole
Surface Mount
Through
Surface
Surface Mount
(µH)
(A)
Number
Hole
Mount
L23
33
1.35
RL-5471-7
RL1500-33
PE-53823
PE-53823S
DO3316-333
L24
22
1.65
RL-1283-22-43
RL1500-22
PE-53824
PE-53824S
DO3316-223
L25
15
2.00
RL-1283-15-43
RL1500-15
PE-53825
PE-53825S
DO3316-153
L29
100
1.41
RL-5471-4
RL-6050-100
PE-53829
PE-53829S
DO5022P-104
L30
68
1.71
RL-5471-5
RL6050-68
PE-53830
PE-53830S
DO5022P-683
L31
47
2.06
RL-5471-6
RL6050-47
PE-53831
PE-53831S
DO5022P-473
L32
33
2.46
RL-5471-7
RL6050-33
PE-53932
PE-53932S
DO5022P-333
L33
22
3.02
RL-1283-22-43
RL6050-22
PE-53933
PE-53933S
DO5022P-223
L34
15
3.65
RL-1283-15-43
—
PE-53934
PE-53934S
DO5022P-153
L38
68
2.97
RL-5472-2
—
PE-54038
PE-54038S
—
L39
47
3.57
RL-5472-3
—
PE-54039
PE-54039S
—
L40
33
4.26
RL-1283-33-43
—
PE-54040
PE-54040S
—
L41
22
5.22
RL-1283-22-43
—
PE-54041
P0841
—
L44
68
3.45
RL-5473-3
—
PE-54044
—
—
L45
10
4.47
RL-1283-10-43
—
—
P0845
DO5022P-103HC
Table 2. Inductor Manufacturer Contact Numbers
Coilcraft
Phone
(800) 322-2645
FAX
(708) 639-1469
Coilcraft, Europe
Phone
+44 1236 730 595
FAX
+44 1236 730 627
Pulse Engineering
Phone
(619) 674-8100
FAX
(619) 674-8262
Pulse Engineering, Europe
Phone
+353 93 24 107
FAX
+353 93 24 459
Renco Electronics
Phone
(800) 645-5828
FAX
(516) 586-5562
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM2670



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com