Electronic Components Datasheet Search
  English  ▼

X  

LM2736XMK Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM2736XMK
Description  LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2736XMK Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2736XMK Datasheet HTML 8Page - Texas Instruments LM2736XMK Datasheet HTML 9Page - Texas Instruments LM2736XMK Datasheet HTML 10Page - Texas Instruments LM2736XMK Datasheet HTML 11Page - Texas Instruments LM2736XMK Datasheet HTML 12Page - Texas Instruments LM2736XMK Datasheet HTML 13Page - Texas Instruments LM2736XMK Datasheet HTML 14Page - Texas Instruments LM2736XMK Datasheet HTML 15Page - Texas Instruments LM2736XMK Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
IRMS-OUT = IO x
r
12
'VO = 'iL x (RESR +
1
8 x fS x CO
)
IRMS-IN = IO x
D x
r
2
12
1-D +
LM2736
SNVS316F – SEPTEMBER 2004 – REVISED APRIL 2013
www.ti.com
be specified with a saturation current limit of >0.7A. There is no need to specify the saturation or peak current of
the inductor at the 1.5A typical switch current limit. The difference in inductor size is a factor of 5. Because of the
operating frequency of the LM2736, ferrite based inductors are preferred to minimize core losses. This presents
little restriction since the variety of ferrite based inductors is huge. Lastly, inductors with lower series resistance
(DCR) will provide better operating efficiency. For recommended inductors see Example Circuits.
INPUT CAPACITOR
An input capacitor is necessary to ensure that VIN does not drop excessively during switching transients. The
primary specifications of the input capacitor are capacitance, voltage, RMS current rating, and ESL (Equivalent
Series Inductance). The recommended input capacitance is 10µF, although 4.7µF works well for input voltages
below 6V. The input voltage rating is specifically stated by the capacitor manufacturer. Make sure to check any
recommended deratings and also verify if there is any significant change in capacitance at the operating input
voltage and the operating temperature. The input capacitor maximum RMS input current rating (IRMS-IN) must be
greater than:
(19)
It can be shown from the above equation that maximum RMS capacitor current occurs when D = 0.5. Always
calculate the RMS at the point where the duty cycle, D, is closest to 0.5. The ESL of an input capacitor is usually
determined by the effective cross sectional area of the current path. A large leaded capacitor will have high ESL
and a 0805 ceramic chip capacitor will have very low ESL. At the operating frequencies of the LM2736, certain
capacitors may have an ESL so large that the resulting impedance (2
πfL) will be higher than that required to
provide stable operation. As a result, surface mount capacitors are strongly recommended. Sanyo POSCAP,
Tantalum or Niobium, Panasonic SP or Cornell Dubilier ESR, and multilayer ceramic capacitors (MLCC) are all
good choices for both input and output capacitors and have very low ESL. For MLCCs it is recommended to use
X7R or X5R dielectrics. Consult capacitor manufacturer datasheet to see how rated capacitance varies over
operating conditions.
OUTPUT CAPACITOR
The output capacitor is selected based upon the desired output ripple and transient response. The initial current
of a load transient is provided mainly by the output capacitor. The output ripple of the converter is:
(20)
When using MLCCs, the ESR is typically so low that the capacitive ripple may dominate. When this occurs, the
output ripple will be approximately sinusoidal and 90° phase shifted from the switching action. Given the
availability and quality of MLCCs and the expected output voltage of designs using the LM2736, there is really no
need to review any other capacitor technologies. Another benefit of ceramic capacitors is their ability to bypass
high frequency noise. A certain amount of switching edge noise will couple through parasitic capacitances in the
inductor to the output. A ceramic capacitor will bypass this noise while a tantalum will not. Since the output
capacitor is one of the two external components that control the stability of the regulator control loop, most
applications will require a minimum at 10 µF of output capacitance. Capacitance can be increased significantly
with little detriment to the regulator stability. Like the input capacitor, recommended multilayer ceramic capacitors
are X7R or X5R. Again, verify actual capacitance at the desired operating voltage and temperature.
Check the RMS current rating of the capacitor. The RMS current rating of the capacitor chosen must also meet
the following condition:
(21)
12
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM2736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com