Electronic Components Datasheet Search
  English  ▼

X  

LM2767 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2767
Description  LM2767 Switched Capacitor Voltage Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2767 Datasheet(HTML) 2 Page - Texas Instruments

  LM2767 Datasheet HTML 1Page - Texas Instruments LM2767 Datasheet HTML 2Page - Texas Instruments LM2767 Datasheet HTML 3Page - Texas Instruments LM2767 Datasheet HTML 4Page - Texas Instruments LM2767 Datasheet HTML 5Page - Texas Instruments LM2767 Datasheet HTML 6Page - Texas Instruments LM2767 Datasheet HTML 7Page - Texas Instruments LM2767 Datasheet HTML 8Page - Texas Instruments LM2767 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1
2
3
5
4
LM2767
SNVS069C – FEBRUARY 2000 – REVISED MAY 2013
www.ti.com
Connection Diagram
5-Pin Small Outline Package
Figure 2. DBV Package Top View
Figure 3. Actual Size
PIN FUNCTIONS
Pin
Name
Function
1
VOUT
Positive voltage output.
2
GND
Power supply ground input.
3
CAP
Connect this pin to the negative terminal of the charge-pump capacitor.
4
V+
Power supply positive voltage input.
5
CAP+
Connect this pin to the positive terminal of the charge-pump capacitor.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage (V+ to GND, or V+ to VOUT)
5.8V
VOUT Continuous Output Current
30 mA
Output Short-Circuit Duration to GND(3)
1 sec.
Continuous Power Dissipation (TA = 25°C)
(4)
400 mW
TJMax
(4)
150°C
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when
operating the device beyond its rated operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
VOUT may be shorted to GND for one second without damage. For temperatures above 85°C, VOUT must not be shorted to GND or
device may be damaged.
(4)
The maximum allowable power dissipation is calculated by using PDMax = (TJMax − TA)/θJA, where TJMax is the maximum junction
temperature, TA is the ambient temperature, and θJA is the junction-to-ambient thermal resistance of the specified package.
OPERATING Ratings
θJA
(1)
210°C/W
Junction Temperature Range
−40°C to 100°C
Ambient Temperature Range
−40°C to 85°C
Storage Temperature Range
−65°C to 150°C
Lead Temp. (Soldering, 10 sec.)
240°C
Human Body Model(2)
2kV
ESD Rating
Machine Model(2)
200V
(1)
The maximum allowable power dissipation is calculated by using PDMax = (TJMax − TA)/θJA, where TJMax is the maximum junction
temperature, TA is the ambient temperature, and θJA is the junction-to-ambient thermal resistance of the specified package.
(2)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF
capacitor discharged directly into each pin.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2767



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com