Electronic Components Datasheet Search
  English  ▼

X  

LM2852 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM2852
Description  LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2852 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2852 Datasheet HTML 8Page - Texas Instruments LM2852 Datasheet HTML 9Page - Texas Instruments LM2852 Datasheet HTML 10Page - Texas Instruments LM2852 Datasheet HTML 11Page - Texas Instruments LM2852 Datasheet HTML 12Page - Texas Instruments LM2852 Datasheet HTML 13Page - Texas Instruments LM2852 Datasheet HTML 14Page - Texas Instruments LM2852 Datasheet HTML 15Page - Texas Instruments LM2852 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
CSS = 3.3 nF
CO = 100 PF
PVIN
AVIN
EN
SS
SGND
PGND
SNS
SW
LM2852Y
+
VOUT = 1.5V
ILOAD = 0A to 2A
LO = 10 PH
CIN = 47 PF
1 PF
PVIN = 3.3V
AVIN = 5V
LM2852
SNVS325D – JANUARY 2005 – REVISED APRIL 2013
www.ti.com
OUTPUT FILTER CAPACITORS
The capacitors that may be used in the output filter with the LM2852 are limited in value and ESR range
according to Table 1. Below are some examples of capacitors that can typically be used in an LM2852
application.
Table 3. LM2852 Output Filter Capacitors
Capacitance (µF)
Part Number
Chemistry
Vendor
10
GRM31MR61A106KE19
Ceramic
Murata
10
GRM32DR61E106K
Ceramic
Murata
68
595D686X_010C2T
Tantalum
Vishay - Sprague
68
595D686X_016D2T
Tantalum
Vishay - Sprague
100
595D107X_6R3C2T
Tantalum
Vishay - Sprague
100
595D107X_016D2T
Tantalum
Vishay - Sprague
100
NOSC107M004R0150
Niobium Oxide
AVX
100
NOSD107M006R0100
Niobium Oxide
AVX
120
595D127X_004C2T
Tantalum
Vishay - Sprague
120
595D127X_010D2T
Tantalum
Vishay - Sprague
150
595D157X_004C2T
Tantalum
Vishay - Sprague
150
595D157X_016D2T
Tantalum
Vishay - Sprague
150
NOSC157M004R0150
Niobium Oxide
AVX
150
NOSD157M006R0100
Niobium Oxide
AVX
220
595D227X_004D2T
Tantalum
Vishay - Sprague
220
NOSD227M004R0100
Niobium Oxide
AVX
220
NOSE227M006R0100
Niobium Oxide
AVX
SPLIT-RAIL OPERATION
The LM2852 can be powered using two separate voltages for AVIN and PVIN. AVIN is the supply for the control
logic; PVIN is the supply for the power FETs. The output filter components need to be chosen based on the
value of PVIN. For PVIN levels lower than 3.3V, use output filter component values recommended for 3.3V. PVIN
must always be equal to or less than AVIN.
SWITCH NODE PROTECTION
The LM2852 includes protection circuitry that monitors the voltage on the switch pin. Under certain conditions,
switching is disabled in order to protect the switching devices. One result of the protection circuitry may be
observed when power to the LM2852 is applied with no or light load on the output. The output regulates to the
rated voltage, but no switching may be observed. As soon as the output is loaded, the LM2852 begins normal
switching operation.
LAYOUT HINTS
These are several guidelines to follow while designing the PCB layout for an LM2852 application.
1. The input bulk capacitor, CIN, should be placed very close to the PVIN pin to keep the resistance as low as
possible between the capacitor and the pin. High current levels will be present in this connection.
12
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM2852



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com