Electronic Components Datasheet Search
  English  ▼

X  

LM2936 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2936
Description  LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2936 Datasheet(HTML) 2 Page - Texas Instruments

  LM2936 Datasheet HTML 1Page - Texas Instruments LM2936 Datasheet HTML 2Page - Texas Instruments LM2936 Datasheet HTML 3Page - Texas Instruments LM2936 Datasheet HTML 4Page - Texas Instruments LM2936 Datasheet HTML 5Page - Texas Instruments LM2936 Datasheet HTML 6Page - Texas Instruments LM2936 Datasheet HTML 7Page - Texas Instruments LM2936 Datasheet HTML 8Page - Texas Instruments LM2936 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LM2936
SNOSC48N – JUNE 2000 – REVISED MARCH 2013
www.ti.com
Connection Diagrams
Figure 1. PFM
Figure 2. SOT-223
Top View
Top View
See Package Number NDP0003B
See Package Number DCY0004A
Figure 3. 8-Pin SOIC (D)
Figure 4. 8-Pin SOIC (D)
Top View
Top View
See Package Number D0008A
See Package Number D0008A
Figure 5. TO-92
Figure 6. 8-Pin VSSOP (DGK)
Bottom View
Top View
See Package Number LP0003A
See Package Number DGK0008A
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Input Voltage (Survival)
+60V,
−50V
ESD Susceptibility (3)
2000V
Power Dissipation (4)
Internally limited
Junction Temperature (TJmax)
150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec.)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its specified operating ratings.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Human body model, 100 pF discharge through a 1.5 k
Ω resistor.
(4)
The maximum power dissipation is a function of TJmax, θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJmax − TA)/θJA. If this dissipation is exceeded, the die temperature will rise above 150°C and the LM2936 will go
into thermal shutdown.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com