Electronic Components Datasheet Search
  English  ▼

X  

LM3414 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3414
Description  1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3414 Datasheet(HTML) 2 Page - Texas Instruments

  LM3414 Datasheet HTML 1Page - Texas Instruments LM3414 Datasheet HTML 2Page - Texas Instruments LM3414 Datasheet HTML 3Page - Texas Instruments LM3414 Datasheet HTML 4Page - Texas Instruments LM3414 Datasheet HTML 5Page - Texas Instruments LM3414 Datasheet HTML 6Page - Texas Instruments LM3414 Datasheet HTML 7Page - Texas Instruments LM3414 Datasheet HTML 8Page - Texas Instruments LM3414 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
VIN
LX
DIM
FS
PGND
IADJ
GND
VCC
1
2
3
4
8
7
6
5
EP
Top View
8-Lead Plastic SOIC-8
Package Number DDA
VIN
LX
DIM
FS
PGND
IADJ
GND
VCC
Top View
8-Lead Plastic WSON-8
Package Number NGQ
2
3
4
1
7
6
5
8
EP
LM3414, LM3414HV
SNVS678E – JUNE 2010 – REVISED MAY 2013
www.ti.com
Connection Diagram
PIN DESCRIPTIONS
Pin
Name
Description
Application Information
1
VCC
Internal Regulator Output Pin
This pin should be bypassed to ground by a ceramic capacitor with a minimum
value of 1µF.
2
PGND
Power Ground Pin
Ground for power circuitry. Reference point for all stated voltages. Must be
externally connected to EP and GND.
3
IADJ
Average Output Current
Connect resistor RIADJ from this pin to ground to adjust the average output current.
Adjustment Pin
4
GND
Analog Ground Pin
Analog ground connection for internal circuitry, must be connected to PGND
external to the package.
5
FS
Switching Frequency Setting Pin
Connect resistor RFS from this pin to ground to set the switching frequency.
6
DIM
PWM Dimming Control Pin
Apply logic level PWM signal to this pin controls the intend brightness of the LED
string.
7
LX
Drain of N-MOSFET Switch
Connect this pin to the output inductor and anode of the schottky diode.
8
VIN
Input Voltage Pin
The input voltage should be in the range of 4.5V to 42V (LM3414) or 4.5V to 65V
(LM3414HV).
EP
EP
Thermal Pad (Power Ground)
Used to dissipate heat from the package during operation. Must be electrically
connected to PGND external to the package.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings (LM3414)
(1)
VIN to GND
-0.3V to 42V
VIN to GND (Transient)
45V (500 ms)
LX to PGND
-0.3V to 42V
LX to PGND (Transient)
-3V(2 ns) to 45V (500 ms)
FS, IADJ to GND
-0.3V to 5V
DIM to GND
-0.3V to 6V
ESD Rating. Human Body Model(2)
2kV
Storage Temp. Range
-65°C to 125°C
Soldering Information
Lead Temperature (Soldering 10s)
260°C
Infrared/Convection Reflow (20sec)
235°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
(2)
The human body model is a 100pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
2
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3414 LM3414HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com