Electronic Components Datasheet Search
  English  ▼

X  

LM20134MH Datasheet(PDF) 13 Page - Texas Instruments

Part # LM20134MH
Description  LM20134/LM20134Q 4A, PowerWise Synchronous Buck Regulator with Input
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20134MH Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM20134MH Datasheet HTML 9Page - Texas Instruments LM20134MH Datasheet HTML 10Page - Texas Instruments LM20134MH Datasheet HTML 11Page - Texas Instruments LM20134MH Datasheet HTML 12Page - Texas Instruments LM20134MH Datasheet HTML 13Page - Texas Instruments LM20134MH Datasheet HTML 14Page - Texas Instruments LM20134MH Datasheet HTML 15Page - Texas Instruments LM20134MH Datasheet HTML 16Page - Texas Instruments LM20134MH Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
IBOUNDARY =
(VIN ± VOUT) x D
2 x L x fSW
LM20134, LM20134Q
www.ti.com
SNVS527G – OCTOBER 2007 – REVISED MARCH 2013
(1)
Several diagrams are shown in Figure 27 illustrating continuous conduction mode (CCM), discontinuous
conduction mode, and the boundary condition.
It can be seen that in diode emulation mode, whenever the inductor current reaches zero the SW node will
become high impedance. Ringing will occur on this pin as a result of the LC tank circuit formed by the inductor
and the parasitic capacitance at the node. If this ringing is of concern an additional RC snubber circuit can be
added from the switch node to ground.
At very light loads, usually below 100mA, several pulses may be skipped in between switching cycles, effectively
reducing the switching frequency and further improving light-load efficiency.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM20134 LM20134Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com