Electronic Components Datasheet Search
  English  ▼

X  

APU8052 Datasheet(PDF) 7 Page - Aplus Intergrated Circuits

Part # APU8052
Description  8-BIT MICRO CONTROLLER WITH 4/8KB ROM EMVEDDED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APU8052 Datasheet(HTML) 7 Page - Aplus Intergrated Circuits

Back Button APU8052 Datasheet HTML 3Page - Aplus Intergrated Circuits APU8052 Datasheet HTML 4Page - Aplus Intergrated Circuits APU8052 Datasheet HTML 5Page - Aplus Intergrated Circuits APU8052 Datasheet HTML 6Page - Aplus Intergrated Circuits APU8052 Datasheet HTML 7Page - Aplus Intergrated Circuits APU8052 Datasheet HTML 8Page - Aplus Intergrated Circuits APU8052 Datasheet HTML 9Page - Aplus Intergrated Circuits APU8052 Datasheet HTML 10Page - Aplus Intergrated Circuits APU8052 Datasheet HTML 11Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image


             


 ,*(#
!&"#
. ,". 3. . *1!
-
-*(*"%%$(!


B 
:
 %"",/#)
. . . :
  
<#!&
!&#<C%&,
2. 
    
<#!&
2. 
     
<#!&
2. 
    

#) 3!3#!
 3) 2
:6
"%6#+:#)
"# 2DA-
:6
"%6#+:#)
A E-6
: "%) :#)
"# 2DA-
: "%) :#)
A E-6
:6 %"%6#+:#)
"#-6AD A>
:6 %"%6#+:#)
"# 2
: %"%) :#)
"#
: %"%) :#)
"# 2-6AD A>
6
6#)&"%%
"# 2
6
6#)&!#% "# 2
6
"%61)%
"#DA-
A !%$#+!!& A

"&&

#+ %"",%
:$$
 
? ,"&#")&#$#!/$0#  !!@
F
:&&
 
E-6
E-6
:
:

A-
?>@
#&1 )
$*#$!&&%

:&&
:&&
 
E-6
E-6
:
:

A-
?>@
#&1 )
-&/*#$!&&%




.
3.

!#$#!
'.
.
BG:&&
.
8G:&&
.
8G:&&
.
.
:&&F.
:&&F.
.
.
'B
'

2



B

B
.

:
:
:
:
:
:
:
:
:
:
%-
%-
%-
# *
"<
*-
*-
*-
*-
*-
*-
%-
:&&H:
I
I
I
6H2. *-
6H.*-
H'%-
H'%-
H'%-
H'%-
:H.:
:H .:
.:J:J:&&
<CHH 
-&/*#$
-&/*#$ 
-&/*#$
$*#$
$*#$ 
$*#$
#+$#+*#$
%   



APU8051/8052
APU8051/
APU8052
APU8051/
APU8052
APU8051/8052
APU8051/8052
APU8051/8052
7/15
APU8051/8052
APU8051/8052



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com