Electronic Components Datasheet Search
  English  ▼

X  

AD5346 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5346
Description  2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5346 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5346 Datasheet HTML 16Page - Analog Devices AD5346 Datasheet HTML 17Page - Analog Devices AD5346 Datasheet HTML 18Page - Analog Devices AD5346 Datasheet HTML 19Page - Analog Devices AD5346 Datasheet HTML 20Page - Analog Devices AD5346 Datasheet HTML 21Page - Analog Devices AD5346 Datasheet HTML 22Page - Analog Devices AD5346 Datasheet HTML 23Page - Analog Devices AD5346 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD5346/AD5347/AD5348
Rev. 0 | Page 20 of 24
DECODING MULTIPLE AD5346/AD5347/AD5348s
The CS pin on these devices can be used in applications to
decode a number of DACs. In this application, all DACs in the
system receive the same data and WR pulses, but only the CS to
one of the DACs will be active at any one time, so data will only
be written to the DAC whose CS is low.
The 74HC139 is used as a 2-line to 4-line decoder to address
any of the DACs in the system. To prevent timing errors from
occurring, the enable input should be brought to its inactive
state while the coded address inputs are changing state.
Figure 44 shows a diagram of a typical setup for decoding
multiple devices in a system. Once data has been written
sequentially to all DACs in a system, all the DACs can be
updated simultaneously using a common LDAC line. A com-
mon CLR line can also be used to reset all DAC outputs to 0 V.
ENABLE
CODED
ADDRESS
1G
1A
1B
VDD
VCC
74HC139
DGND
1Y0
1Y1
1Y2
1Y3
A0
A1
A2
WR
LDAC
CLR
DATA
INPUTS
DATA
INPUTS
DATA
INPUTS
DATA
INPUTS
A0
A1
A2
WR
LD AC
CLR
CS
A0
A1
A2
WR
LD AC
CLR
CS
AD5346/AD5347
/AD5348
A0
A1
A2
WR
LD AC
CLR
CS
A0
A1
A2
WR
LD AC
CLR
CS
AD5346/AD5347
/AD5348
AD5346/AD5347
/AD5348
AD5346/AD5347
/AD5348
Figure 44. Decoding Multiple DAC Devices
AD5346/AD5347/AD5348 AS DIGITALLY
PROGRAMMABLE WINDOW DETECTORS
A digitally programmable upper/lower limit detector using two
of the DACs in the AD5346/AD5347/AD5348 is shown in
Figure 45. Any pair of DACs in the device may be used, but for
simplicity the description refers to DACs A and B.
The upper and lower limits for the test are loaded to DACs A
and B which, in turn, set the limits on the CMP04. If a signal at
the VIN input is not within the programmed window, an LED
indicates the fail condition.
5V
GND
VREFAB
VDD
VIN
FAIL
PASS
1k
Ω
1k
Ω
PASS/
FAIL
1/6 74HC05
1/2
CMP04
VREF
0.1
µF
10
µF
VOUTB
VOUTA
AD5346/AD5347/
AD5348
Figure 45. Programmable Window Detector
PROGRAMMABLE CURRENT SOURCE
Figure 46 shows the AD5346/AD5347/AD5348 used as the
control element of a programmable current source. In this
example, the full-scale current is set to 1 mA. The output
voltage from the DAC is applied across the current setting
resistor of 4.7 kΩ in series with the 470 Ω adjustment
potentiometer, which gives an adjustment of about ±5%.
Suitable transistors to place in the feedback loop of the ampli-
fier include the BC107 and the 2N3904, which enable the
current source to operate from a minimum VSOURCE of 6 V. The
operating range is determined by the operating characteristics
of the transistor. Suitable amplifiers include the AD820 and the
OP295, both having rail-to-rail operation on their outputs. The
current for any digital input code and resistor value can be
calculated as follows:
mA
R
D
V
G
I
N
REF
)
2
(
×
×
=
where:
G is the gain of the buffer amplifier (1 or 2).
D is the digital input code.
N is the DAC resolution (8, 10, or 12 bits).
R is the sum of the resistor plus adjustment potentiometer in kΩ.
VDD = 5V
5V
LOAD
VSOURCE
EXT
REF
GND
VOUT
4.7k
Ω
470
Ω
*ONLY ONE CHANNEL OF VREF AND VOUT SHOWN
0.1
µF
0.1
µF
10
µF
VIN
GND
AD5346/AD5347/
AD5348
VDD
VREF*VOUT*
Figure 46. Programmable Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com