Electronic Components Datasheet Search
  English  ▼

X  

AD5341 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5341
Description  2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5341 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5341 Datasheet HTML 11Page - Analog Devices AD5341 Datasheet HTML 12Page - Analog Devices AD5341 Datasheet HTML 13Page - Analog Devices AD5341 Datasheet HTML 14Page - Analog Devices AD5341 Datasheet HTML 15Page - Analog Devices AD5341 Datasheet HTML 16Page - Analog Devices AD5341 Datasheet HTML 17Page - Analog Devices AD5341 Datasheet HTML 18Page - Analog Devices AD5341 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD5346/AD5347/AD5348
Rev. 0 | Page 15 of 24
0
3
6
9
12
15
18
21
IDD (mA)
0.8
0.6
1.0
1.2
1.4
VDD = 3V
VDD = 5V
Figure 32. IDD Histogram with VDD = 3 V and VDD = 5 V
2.47
2.49
2.48
2.50
1
µs/DIV
Figure 33. AD5348 Major Code Transition Glitch Energy
FREQUENCY (Hz)
10
–10
–60
10
1k
100
10k
–40
–30
100k
1M
10M
–50
–20
0
Figure 34. Multiplying Bandwidth (Small Signal Frequency Response)
VREF (V)
0.02
0.01
–0.02
0
2
1
3
–0.01
0
45
6
VDD = 5V
TA = 25°C
Figure 35. Full-Scale Error vs. VREF
1.996
1.997
1.998
1.999
Figure 36. DAC-to-DAC Crosstalk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com