Electronic Components Datasheet Search
  English  ▼

X  

APU8952 Datasheet(PDF) 8 Page - Aplus Intergrated Circuits

Part # APU8952
Description  8-BIT MICRO CONTROLLER WITH 4/8KB FLASH EMBEDDED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APU8952 Datasheet(HTML) 8 Page - Aplus Intergrated Circuits

Back Button APU8952 Datasheet HTML 4Page - Aplus Intergrated Circuits APU8952 Datasheet HTML 5Page - Aplus Intergrated Circuits APU8952 Datasheet HTML 6Page - Aplus Intergrated Circuits APU8952 Datasheet HTML 7Page - Aplus Intergrated Circuits APU8952 Datasheet HTML 8Page - Aplus Intergrated Circuits APU8952 Datasheet HTML 9Page - Aplus Intergrated Circuits APU8952 Datasheet HTML 10Page - Aplus Intergrated Circuits APU8952 Datasheet HTML 11Page - Aplus Intergrated Circuits APU8952 Datasheet HTML 12Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
              



)


8%
'
,#'H:
-!$-2
8),#'
-!$-2
  ;/#
!555
<5B$&#+%"
;7;! 
 2!( 

!<855
<%%##8%<5B+
;7;! 0
!(

!55<E
<%%##%,<5B+
;7;! 0
!(

!558
<5B+8%#&'
;
  2!( 
!555
<5B+DB?+
;
0
!(

!5
DB?$&#+%"
;
0
02!(

!58
DB?+8%#&'
;
 02!( 
!EE
#&'%,DB?
;



!EK
#&'=,DB?
;
 !F 
!<88
<%%##8%#&'
;
 2!( 
!5<K
DB?+<%%##=
;
  
!;5;
D;$&#+%"
;
0:
:2!(

!757 D7;$&#+%"
7;!
0:
:2!(

!;58
D;+8%
;
0 2!( 
!;E
%,D;
;



!;K
=,D;
;
  2!F 
!558
<5B+8%
;
 2!( 
!<88
<%%##8%
;
 2!( 
!55L5
<5B+D7;*"D;+
;7;!  02!( 02!F 
!<8L5
<%%##8%D7;D;+
;7;!  0 
2!(

!M87 8%D7;*"
7;!
 0
2!(0

!M87E 8%D7;#
7;!
0
!(

!7ME "%,D7;
7;!
0
!F

!;5<K
D;+<%%##=
;
 
!L<5
D7;D;"*"<5B"*"
;7;! 0 !( !F 
!5
''/,

!5E
''/+

!5
''/#

!E ''/"*"

!!55 ''/$%
:0
,#'

&  
@:  $*'%#N5, <5B%B?1&$&#H $=N5,1"1&$&H $=A
8/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com