Electronic Components Datasheet Search
  English  ▼

X  

TC4425A Datasheet(PDF) 17 Page - Microchip Technology

Part # TC4425A
Description  3A Dual High-Speed Power MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4425A Datasheet(HTML) 17 Page - Microchip Technology

Back Button TC4425A Datasheet HTML 13Page - Microchip Technology TC4425A Datasheet HTML 14Page - Microchip Technology TC4425A Datasheet HTML 15Page - Microchip Technology TC4425A Datasheet HTML 16Page - Microchip Technology TC4425A Datasheet HTML 17Page - Microchip Technology TC4425A Datasheet HTML 18Page - Microchip Technology TC4425A Datasheet HTML 19Page - Microchip Technology TC4425A Datasheet HTML 20Page - Microchip Technology TC4425A Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
© 2007 Microchip Technology Inc.
DS21998B-page 17
TC4423A/TC4424A/TC4425A
APPENDIX A: REVISION HISTORY
Revision B (April 2007)
• Correct numerous errors throughout document.
• Page 3: Added Package Power Dissipation
information about DC Characteristic Table.
• Page 3: Added Note 3 to DC Characteristic Table.
• Page 4: Changed Thermal Resistance for
8L-PDIP device from 125 to 84.6.
Changed Thermal Resistance for 8L-SOIC from
155 to 163.
• Page 12: Updated Package Outline Drawing.
• Page 13: Updated Package Outline Drawing.
• Page 14: Updated Package Outline Drawing.
• Page 15: Added 16-Lead SOIC Package Outline
Drawing
• Page 17: Updated Revision History.
Revision A (June 2006)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com