Electronic Components Datasheet Search
  English  ▼

X  

ASM12712C Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part # ASM12712C
Description  VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

ASM12712C Datasheet(HTML) 6 Page - Aplus Intergrated Circuits

  ASM12712C Datasheet HTML 1Page - Aplus Intergrated Circuits ASM12712C Datasheet HTML 2Page - Aplus Intergrated Circuits ASM12712C Datasheet HTML 3Page - Aplus Intergrated Circuits ASM12712C Datasheet HTML 4Page - Aplus Intergrated Circuits ASM12712C Datasheet HTML 5Page - Aplus Intergrated Circuits ASM12712C Datasheet HTML 6Page - Aplus Intergrated Circuits ASM12712C Datasheet HTML 7Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
5
1.4 Bonding Diagram
3
ASM12712C
C H IP SIZE: X= 309 0 + 100 (u m), Y = 314 0 + 100 (u m)
(256K x 10 bit) x 2-Block RO M
4
5
6
7
8
9
10
11 12
13
18
17
16
15
14
2
1
19 20 21
ASM12712C Pad Location
Chip Size: X= 3090 + 100 (um) , Y= 3140 + 100 (um)
PAD# PAD Name
X
Y
PAD # PAD Name
X
Y
1
VDD3
-1445.96 -1456.08
12
GND2
118.72 -1450.56
2
RC_PAD[1]
-1325.24 -1456.08
13
TEST_PAD
319.68 -1456.08
3
RC_PAD[0]
-1202.92 -1456.08
14
VDD2
575.32 -1456.08
4
RA_PAD[3]
-1080.6 -1456.08
15
RB[0]
714.48 -1456.08
5
RA_PAD[2]
-958.28 -1456.08
16
RB[1]
836.8 -1456.08
6
RA_PAD[1]
-835.96 -1456.08
17
RB[2]
959.12 -1456.08
7
RA_PAD[0]/RESET
-713.64 -1456.08
18
RB[3]
1081.44 -1456.08
8
AOSC_PAD
-591.32 -1456.08
19
RC_PAD[2]
1203.76 -1456.08
9
VDD1
-414.36 -1456.08
20
RC_PAD[3]
1326.08 -1456.08
10
ACOUT
-162.24 -1456.08
21
GND3
1449.36 -1456.08
11
GND1
38.72 -1450.56
ASM12712C
X= 3090 + 100 (um)
Y= 3140 + 100 (um)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com