Electronic Components Datasheet Search
  English  ▼

X  

BXMF1043 Datasheet(PDF) 1 Page - API Technologies Corp

Part # BXMF1043
Description  Automatic Gain Controlled Amplifi er
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

BXMF1043 Datasheet(HTML) 1 Page - API Technologies Corp

  BXMF1043 Datasheet HTML 1Page - API Technologies Corp BXMF1043 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Frequency Range
Nominal Output Power
Input Dynamic Range
Noise Figure
1 dB Compression Point
Aquisition Time (10% / 90% rise time)
Input VSWR
Output VSWR
Supply Voltage
Supply Current
Secondary Supply Voltage
Secondary Supply Current
Revision: 7/24/2013
Housing Size
RF Connectors
Operating Case Temp. (Min./Max. Values)
1000 - 2000 MHz
0 dBm
-25 to 0 dBm
7 dB
+17 dBm
250 μs
1.75:1
1.75:1
+15 volts
1200 mA
+5 volts
100 mA
1000 - 2000 MHz
0 dBm
-
8 dB
+17 dBm
250 μs
2.0:1
2.0:1
+15 volts
1200 mA
+5 volts
100 mA
4.00" L x 2.00" W x 0.780" H
SMA Female
-30
°C to +60°C
The Model BXMF1043 allows the user to anticipate receiver power levels and automatically adjust the output power to a desired level.
With optional gain stages from 25 to 40 dB, this modular family of Low Phase Noise AGCs can be used for multiple applications from
50 MHz to 2000 MHz. Designed for rugged military environments, these units can be customized with an optional time delay adjust-
ment feature as well as a phase modulation compression to accommodate for peak power variations. These AGCs are also designed to
minimize group delay with Group Delay performance of as low as +/-1 ns typical.
Storage Temperature
Operating Temperature (Case)
DC Voltage @ 25
°C
Input Drive @ 25
°C
FEATURES
• Automatic Output Control
• Wide Bandwidth
• High RF Input Damage Protection
• Group Delay +/- 1 ns
Automatic Gain Controlled Amplifier
1000 - 2000 MHz
Model BXMF1043
Parameter
Typical
Min. / Max.
Spectrum Microwave, Inc. • PH: 888.553.7531 • Fax: 888.553.7532 • Email: sales@SpectrumMicrowave.com • www.SpectrumMicrowave.com
Maximum (No Damage) Ratings
-65
°C to +125°C
-40
°C to +85°C
+18 VDC / +8 VDC
+24 dBm


Similar Part No. - BXMF1043

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
BXMF1040 APITECH-BXMF1040 Datasheet
506Kb / 1P
Automatic Gain Controlled Amplifier
BXMF1041 APITECH-BXMF1041 Datasheet
507Kb / 1P
Automatic Gain Controlled Amplifier
BXMF1042 APITECH-BXMF1042 Datasheet
571Kb / 2P
Automatic Gain Controlled Amplifier
More results

Similar Description - BXMF1043

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1991 LINER-LT1991 Datasheet
279Kb / 28P
Precision, 100關A Gain Selectable Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
Isolation Amplifi er
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
Microwave Amplifi er
BXMF1042 APITECH-BXMF1042 Datasheet
571Kb / 2P
Automatic Gain Controlled Amplifier
BXMF1041 APITECH-BXMF1041 Datasheet
507Kb / 1P
Automatic Gain Controlled Amplifier
BXMF1040 APITECH-BXMF1040 Datasheet
506Kb / 1P
Automatic Gain Controlled Amplifier
BXMF1039 APITECH-BXMF1039 Datasheet
504Kb / 1P
Automatic Gain Controlled Amplifier
BXMF1038 APITECH-BXMF1038 Datasheet
501Kb / 1P
Automatic Gain Controlled Amplifier
BXMF1037 APITECH-BXMF1037 Datasheet
503Kb / 1P
Automatic Gain Controlled Amplifier
logo
MRV Communications, Inc...
EM800-OABT MRV-EM800-OABT Datasheet
1Mb / 2P
LambdaDriver짰 - Tunable Gain EDFA Optical Amplifi er
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com