Electronic Components Datasheet Search
  English  ▼

X  

LM140 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM140
Description  LM340-N/LM78XX Series 3-Terminal Positive Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM140 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM140 Datasheet HTML 9Page - Texas Instruments LM140 Datasheet HTML 10Page - Texas Instruments LM140 Datasheet HTML 11Page - Texas Instruments LM140 Datasheet HTML 12Page - Texas Instruments LM140 Datasheet HTML 13Page - Texas Instruments LM140 Datasheet HTML 14Page - Texas Instruments LM140 Datasheet HTML 15Page - Texas Instruments LM140 Datasheet HTML 16Page - Texas Instruments LM140 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LM340-N, LM78xx
www.ti.com
SNOSBT0J – FEBRUARY 2000 – REVISED DECEMBER 2013
Figure 25. Maximum Power Dissipation vs TAMB for the DDPAK/TO-263 Package
Figure 26 and Figure 27 show the information for the SOT-223 package. Figure 26 assumes a
θ(J–A) of 74°C/W
for 1 ounce copper and 51°C/W for 2 ounce copper and a maximum junction temperature of 125°C.
Figure 26.
θ(J–A) vs Copper (2 ounce) Area
for the SOT-223 Package
Figure 27. Maximum Power Dissipation vs
TAMB for the SOT-223 Package
Please see AN-1028 (SNVA036) for power enhancement techniques to be used with the SOT-223 package.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM340-N LM78xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com