Electronic Components Datasheet Search
  English  ▼

X  

ADS5521 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5521
Description  12-Bit, 80 MSPS Analog-To-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5521 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS5521 Datasheet HTML 9Page - Texas Instruments ADS5521 Datasheet HTML 10Page - Texas Instruments ADS5521 Datasheet HTML 11Page - Texas Instruments ADS5521 Datasheet HTML 12Page - Texas Instruments ADS5521 Datasheet HTML 13Page - Texas Instruments ADS5521 Datasheet HTML 14Page - Texas Instruments ADS5521 Datasheet HTML 15Page - Texas Instruments ADS5521 Datasheet HTML 16Page - Texas Instruments ADS5521 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
f − Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
10
30
20
40
SFDR=90.0dBc
THD=86.4dBc
SNR=71.2dBFS
SINAD=71.1dBFS
5
25
15
35
f − Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
10
30
20
40
SFDR=86.8dBc
THD=85.2dBc
SNR=70.9dBFS
SINAD=70.8dBFS
5
25
15
35
f − Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
10
30
20
40
SFDR=87.0dBc
THD=82.2dBc
SNR=70.6dBFS
SINAD=70.4dBFS
5
25
15
35
f − Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
10
30
20
40
SFDR=85.9dBc
THD=83.7dBc
SNR=70.5dBFS
SINAD=70.3dBFS
5
25
15
35
f − Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
10
30
20
40
SFDR=87.2dBc
THD=82.8dBc
SNR=69.8dBFS
SINAD=69.6dBFS
5
25
15
35
f − Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
10
30
20
40
SFDR=80.2dBc
THD=77.8dBc
SNR=69.3dBFS
SINAD=68.8dBFS
5
25
15
35
ADS5522
SBAS320C – MAY 2004 – REVISED FEBRUARY 2007
Typical values given at T
A = 25  C, AVDD = DRVDD = 3.3 V, sampling rate = 80 MSPS, 50% clock duty cycle, 3-Vpp
differential clock, and –1 dBFS differential input, unless otherwise noted
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
(FFT for 4 MHz Input Signal)
(FFT for 16 MHz Input Signal)
Figure 5.
Figure 6.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
(FFT for 55 MHz Input Signal)
(FFT for 70 MHz Input Signal)
Figure 7.
Figure 8.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
(FFT for 100 MHz Input Signal)
(FFT for 125 MHz Input Signal)
Figure 9.
Figure 10.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com