Electronic Components Datasheet Search
  English  ▼

X  

LM334M Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM334M
Description  LM134/LM234/LM334 3-Terminal Adjustable Current Sources
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM334M Datasheet(HTML) 2 Page - Texas Instruments

  LM334M Datasheet HTML 1Page - Texas Instruments LM334M Datasheet HTML 2Page - Texas Instruments LM334M Datasheet HTML 3Page - Texas Instruments LM334M Datasheet HTML 4Page - Texas Instruments LM334M Datasheet HTML 5Page - Texas Instruments LM334M Datasheet HTML 6Page - Texas Instruments LM334M Datasheet HTML 7Page - Texas Instruments LM334M Datasheet HTML 8Page - Texas Instruments LM334M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LM134, LM234, LM334
SNVS746E – MARCH 2000 – REVISED MAY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
V+ to V− Forward Voltage
LM134/LM234/LM334
40V
LM234-3/LM234-6
30V
V+ to V− Reverse Voltage
20V
R Pin to V− Voltage
5V
Set Current
10 mA
Power Dissipation
400 mW
ESD Susceptibility(3)
2000V
Operating Temperature Range(4)
LM134
−55°C to +125°C
LM234/LM234-3/LM234-6
−25°C to +100°C
LM334
0°C to +70°C
Soldering Information
TO-92 Package (10 sec.)
260°C
TO Package (10 sec.)
300°C
SOIC Package
Vapor Phase (60 sec.)
215°C
Infrared (15 sec.)
220°C
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(4)
For elevated temperature operation, TJ max is:
LM134
150°C
LM234
125°C
LM334
100°C
See Thermal Characteristics.
Thermal Characteristics
over operating free-air temperature range (unless otherwise noted)
Thermal Resistance
TO-92
TO
SOIC-8
θja (Junction to Ambient)
180°C/W (0.4
″ leads)
440°C/W
165°C/W
160°C/W (0.125
″ leads)
θjc (Junction to Case)
N/A
32°C/W
80°C/W
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM134 LM234 LM334



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com