Electronic Components Datasheet Search
  English  ▼

X  

LM317S/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM317S/NOPB
Description  LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317S/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM317S/NOPB Datasheet HTML 1Page - Texas Instruments LM317S/NOPB Datasheet HTML 2Page - Texas Instruments LM317S/NOPB Datasheet HTML 3Page - Texas Instruments LM317S/NOPB Datasheet HTML 4Page - Texas Instruments LM317S/NOPB Datasheet HTML 5Page - Texas Instruments LM317S/NOPB Datasheet HTML 6Page - Texas Instruments LM317S/NOPB Datasheet HTML 7Page - Texas Instruments LM317S/NOPB Datasheet HTML 8Page - Texas Instruments LM317S/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
LM117, LM317A, LM317-N
www.ti.com
SNVS774O – MAY 2004 – REVISED JANUARY 2014
LM117 ELECTRICAL CHARACTERISTICS
(1)
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range. Unless otherwise specified, VIN − VOUT = 5V, and IOUT = 10 mA.
LM117 (2)
Parameter
Conditions
Min
Typ
Max
Units
3V
≤ (VIN − VOUT) ≤ 40V,
Reference Voltage
1.20
1.25
1.30
V
10 mA
≤ IOUT ≤ IMAX
(1)
0.01
0.02
Line Regulation
3V
≤ (VIN − VOUT) ≤ 40V
(3)
%/V
0.02
0.05
0.1
0.3
Load Regulation
10 mA
≤ IOUT ≤ IMAX
(1) (3)
%
0.3
1
Thermal Regulation
20 ms Pulse
0.03
0.07
%/W
Adjustment Pin Current
50
100
μA
10 mA
≤ IOUT ≤ IMAX
(1)
Adjustment Pin Current Change
0.2
5
μA
3V
≤ (VIN − VOUT) ≤ 40V
Temperature Stability
TMIN ≤ TJ ≤ TMAX
1
%
Minimum Load Current
(VIN − VOUT) = 40V
3.5
5
mA
NDS Package
1.5
2.2
3.4
(VIN − VOUT) ≤ 15V
A
NDT Package
0.5
0.8
1.8
Current Limit
NDS Package
0.3
0.4
(VIN − VOUT) = 40V
A
NDT Package
0.15
0.20
RMS Output Noise, % of VOUT
10 Hz
≤ f ≤ 10 kHz
0.003
%
VOUT = 10V, f = 120 Hz, CADJ = 0 μF
65
dB
Ripple Rejection Ratio
VOUT = 10V, f = 120 Hz, CADJ = 10 μF
66
80
dB
Long-Term Stability
TJ = 125°C, 1000 hrs
0.3
1
%
NDS (TO-3) Package
2
Thermal Resistance,
θJC
°C/W
Junction-to-Case
NDT (TO) Package
21
Thermal Resistance,
θJA
NDS (TO-3) Package
39
Junction-to-Ambient
°C/W
NDT (TO) Package
186
(No Heat Sink)
(1)
IMAX = 1.5A for the NDS (TO-3), NDE (TO-220), and KTT (TO-263) packages. IMAX = 1.0A for the DCY (SOT-223) package. IMAX = 0.5A
for the NDT (TO) and NDP (TO-252) packages. Device power dissipation (PD) is limited by ambient temperature (TA), device maximum
junction temperature (TJ), and package thermal resistance (θJA). The maximum allowable power dissipation at any temperature is :
PD(MAX) = ((TJ(MAX) - TA)/θJA). All Min. and Max. limits are ensured to TI's Average Outgoing Quality Level (AOQL).
(2)
Specifications and availability for military and space grades of LM117/883 can be found in the LM117QML datasheet (SNVS356).
Specifications and availability for military and space grades of LM117/JAN can be found in the LM117JAN datasheet (SNVS365).
(3)
Regulation is measured at a constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specifications for thermal regulation.
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM117 LM317A LM317-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com