Electronic Components Datasheet Search
  English  ▼

X  

CMD207 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD207
Description  Wireless Local Loop Duplexer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD207 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD207 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMD207
Wireless Local Loop Duplexer
The CMD207’s Receive and Transmit channels can be factory tuned over the frequency range of 2405 MHz to
2475 MHz with minimum channel separation of 50 MHz. Please contact CMT for your specific application.
Receive Channel
Transmit Channel
Center Frequency:
2405 - 2425 MHz
Center Frequency:
2455 - 2475 MHz
Passband Bandwidth: 10 MHz
Passband Bandwidth: 10 MHz
Insertion Loss:
2.0 dB max.
Insertion Loss:
2.0 dB max.
Return Loss:
16.0 dB min.
Return Loss:
16.0 dB min.
TX Rejection :
95 dB min.
RX Rejection:
95 dB min.
Isolation Tx to Rx:
95 dB min.
Isolation Rx to Tx:
95 dB min.
Operation Temp:
0° to +60°C
Storage Temp:
-40° to +85°C
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMD207

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD201 MMIC-CMD201 Datasheet
752Kb / 10P
DC-20 GHz Distributed Power Amplifier
logo
Qorvo, Inc
CMD201 QORVO-CMD201 Datasheet
752Kb / 10P
DC-20 GHz Distributed Power Amplifier
CMD201 QORVO-CMD201 Datasheet
273Kb / 11P
DC-20 GHz Distributed Power Amplifier
December 22, 2021
logo
Custom MMIC Design Serv...
CMD201P5 MMIC-CMD201P5 Datasheet
277Kb / 10P
DC-20 GHz Distributed Power Amplifier
logo
Qorvo, Inc
CMD201P5 QORVO-CMD201P5 Datasheet
277Kb / 10P
DC-20 GHz Distributed Power Amplifier
More results

Similar Description - CMD207

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF1049-2 MITSUBISHI-MF1049-2 Datasheet
98Kb / 1P
FOR WIRELESS LOCAL LOOP, Tx
logo
API Technologies Corp
CMD222 APITECH-CMD222 Datasheet
109Kb / 1P
Wireless Local Loop Duplexer
CMD135 APITECH-CMD135 Datasheet
116Kb / 1P
5.3 Wireless Local Loop Duplexer
CMD134 APITECH-CMD134 Datasheet
112Kb / 1P
2.4 Wireless Local Loop Duplexer
CMD127 APITECH-CMD127 Datasheet
115Kb / 1P
2.4 Wireless Local Loop Duplexer
CMD100 APITECH-CMD100 Datasheet
116Kb / 1P
Wireless Local Loop Duplexer
logo
Micross Components
HMC331 MICROSS-HMC331 Datasheet
819Kb / 7P
Wireless Local Loop
logo
Analog Devices
HMC245AQS16 AD-HMC245AQS16 Datasheet
299Kb / 6P
Wireless Local Loop
HMC326MS8G AD-HMC326MS8G Datasheet
393Kb / 6P
Wireless Local Loop Driver Amplifier
HMC204MS8G AD-HMC204MS8G Datasheet
216Kb / 4P
Wireless Local Loop
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com