Electronic Components Datasheet Search
  English  ▼

X  

CMD190 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD190
Description  10 GHz Diplexer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD190 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD190 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMD190
10 GHz Diplexer
Receive Channel
Transmit Channel
Passband:
10150 - 10300 MHz
Passband:
10500 - 10650 MHz
Insertion Loss:
1.5 dB max.
Insertion Loss:
1.7 dB max.
Return Loss:
16.0 dB min.
Return Loss:
16.0 dB min.
Rejection:
Rejection:
10500 - 1650 MHz
80 dB min
10150 - 10300 MHz
80 dB min.
Isolation Tx to Rx:
80 dB min.
Isolation Rx to Tx:
80 dB min.
Operation Temp:
0° to +60°C
Storage Temp:
-40° to +85°C
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMD190

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD190 MMIC-CMD190 Datasheet
250Kb / 10P
33-45 GHz Low Noise Amplifier
More results

Similar Description - CMD190

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450DP15A5512 JOHANSON-2450DP15A5512 Datasheet
103Kb / 2P
2.45/5.512 GHz Diplexer
logo
STMicroelectronics
DIP1524-01D3 STMICROELECTRONICS-DIP1524-01D3 Datasheet
186Kb / 9P
GPS/GLONASS and 2.4 GHz diplexer
14-Feb-2012
logo
API Technologies Corp
CMWD198 APITECH-CMWD198 Datasheet
116Kb / 1P
30 GHz Waveguide Diplexer
CMWD168 APITECH-CMWD168 Datasheet
109Kb / 1P
26 GHz Waveguide Diplexer
CMWD156 APITECH-CMWD156 Datasheet
113Kb / 1P
25 GHz Waveguide Diplexer
CMWD140 APITECH-CMWD140 Datasheet
114Kb / 1P
39 GHz Waveguide Diplexer
CMD260 APITECH-CMD260 Datasheet
115Kb / 1P
13 GHz Diplexer
logo
Pulse A Technitrol Comp...
C6330NL PULSE-C6330NL Datasheet
95Kb / 2P
Diplexer 10-55/90-1002 MHz
logo
KR Electronics, Inc.
3227 KR-3227 Datasheet
93Kb / 3P
3 GHz Diplexer Filter
logo
Mini-Circuits
LDPG-212-322 MINI-LDPG-212-322 Datasheet
367Kb / 3P
Diplexer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com