Electronic Components Datasheet Search
  English  ▼

X  

CMD160 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD160
Description  Trunking Radio Duplexer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD160 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD160 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMD160
Trunking Radio Duplexer
The CMD160 is factory tunable over the frequency range 420 MHz to 480 MHz with 4 – 6 MHz bandwidths
and 20 MHz T/R spacing. Contact CMT with your specific application.
Receive Channel
Transmit Channel
Passband:
454 - 470 MHz
Passband:
430 - 446 MHz
Insertion Loss @ Fo:
1.5 dB max.
Insertion Loss @ Fo:
1.5 dB max.
Return Loss:
20.0 dB min.
Return Loss:
20.0 dB min.
Isolation Tx to Rx:
70 dB min.
Isolation Rx to Tx:
70 dB min.
Power:
35 Watts CW
Operation Temp:
0° to +60°C
Storage Temp:
-40° to +85°C
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMD160

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD160C4 MMIC-CMD160C4 Datasheet
252Kb / 9P
17-25 GHz Low Noise Amplifier
More results

Similar Description - CMD160

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMWD149 APITECH-CMWD149 Datasheet
103Kb / 1P
Point to Point Radio Duplexer
CMD112 APITECH-CMD112 Datasheet
117Kb / 1P
PCS Duplexer
CMD108-02 APITECH-CMD108-02 Datasheet
92Kb / 1P
AMPS Duplexer
CMWD124 APITECH-CMWD124 Datasheet
115Kb / 1P
Point to Point Radio Duplexer
logo
TDK Electronics
B39182B8561P810 TDK-B39182B8561P810 Datasheet
276Kb / 13P
SAW Duplexer
B39182B8656P810 TDK-B39182B8656P810 Datasheet
239Kb / 14P
SAW Duplexer SAW Duplexer
B39881B8547P810 TDK-B39881B8547P810 Datasheet
275Kb / 15P
SAW Duplexer
B39881B8556P810 TDK-B39881B8556P810 Datasheet
233Kb / 15P
SAW Duplexer
B39881B8616P810 TDK-B39881B8616P810 Datasheet
305Kb / 13P
SAW Duplexer
B39881B8652P810 TDK-B39881B8652P810 Datasheet
272Kb / 15P
SAW Duplexer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com