Electronic Components Datasheet Search
  English  ▼

X  

CMD134 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD134
Description  2.4 Wireless Local Loop Duplexer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD134 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD134 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMD134
2.4 Wireless Local Loop Duplexer
Receive Channel
Transmit Channel
Passband:
2400 - 2434 MHz
Passband:
2450 - 2448 MHz
Insertion Loss:
2.0 dB max.
Insertion Loss:
2.0 dB max.
Return Loss:
15.0 dB min.
Return Loss:
15.0 dB min.
Rejection:
Rejection:
2448 - 2484 MHz
76 dB min
2400 - 2436 MHz
76 dB min.
Isolation Tx to Rx:
82 dB min.
Isolation Rx to Tx:
82 dB min.
Operation Temp:
0° to +60°C
Storage Temp:
-40° to +85°C
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMD134

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMD130 APITECH-CMD130 Datasheet
113Kb / 1P
DCS (specialized) Duplexer
logo
Custom MMIC Design Serv...
CMD132 MMIC-CMD132 Datasheet
205Kb / 9P
5-11 GHz Low Noise Amplifier
CMD132P3 MMIC-CMD132P3 Datasheet
257Kb / 9P
5-11 GHz Low Noise Amplifier
logo
API Technologies Corp
CMD135 APITECH-CMD135 Datasheet
116Kb / 1P
5.3 Wireless Local Loop Duplexer
CMD139 APITECH-CMD139 Datasheet
115Kb / 1P
AMPS FullBand Duplexer
More results

Similar Description - CMD134

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF1049-2 MITSUBISHI-MF1049-2 Datasheet
98Kb / 1P
FOR WIRELESS LOCAL LOOP, Tx
logo
API Technologies Corp
CMD222 APITECH-CMD222 Datasheet
109Kb / 1P
Wireless Local Loop Duplexer
CMD207 APITECH-CMD207 Datasheet
115Kb / 1P
Wireless Local Loop Duplexer
CMD135 APITECH-CMD135 Datasheet
116Kb / 1P
5.3 Wireless Local Loop Duplexer
CMD127 APITECH-CMD127 Datasheet
115Kb / 1P
2.4 Wireless Local Loop Duplexer
CMD100 APITECH-CMD100 Datasheet
116Kb / 1P
Wireless Local Loop Duplexer
logo
Micross Components
HMC331 MICROSS-HMC331 Datasheet
819Kb / 7P
Wireless Local Loop
logo
Analog Devices
HMC245AQS16 AD-HMC245AQS16 Datasheet
299Kb / 6P
Wireless Local Loop
HMC326MS8G AD-HMC326MS8G Datasheet
393Kb / 6P
Wireless Local Loop Driver Amplifier
HMC204MS8G AD-HMC204MS8G Datasheet
216Kb / 4P
Wireless Local Loop
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com