Electronic Components Datasheet Search
  English  ▼

X  

CMD127 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD127
Description  2.4 Wireless Local Loop Duplexer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD127 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD127 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMD127
2.4 Wireless Local Loop Duplexer
Receive Channel
Transmit Channel
Passband:
2401 - 2424 MHz
Passband:
2440 – 2464 MHz
Insertion Loss:
1.5 dB max.
Insertion Loss:
1.5 dB max.
Return Loss:
15.0 dB min.
Return Loss:
15.0 dB min.
Rejection:
Rejection:
DC - 2383 MHz
100 dB min.
DC - 2424 MHz
100 dB min.
2383 – 2392 MHz
45 dB min.
2424 – 2432 MHz
45 dB min.
2432 – 2441 MHz
45 dB min.
2472 – 2481 MHz
45 dB min.
2441 – 4000 MHz
100 dB min.
2481 – 4000 MHz
100 dB min.
Isolation Tx to Rx:
100 dB min.
Isolation Rx to Tx:
100 dB min.
Operation Temp:
0° to +60°C
Storage Temp:
-40° to +85°C
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMD127

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMD12-21 CML-CMD12-21 Datasheet
72Kb / 1P
CMD12-21 BrightAngle??Right Angle Surface Mount LED
logo
Visual Communications C...
CMD12-21 VCC-CMD12-21 Datasheet
580Kb / 1P
Right Angle Surface Mount LED
CMD12-21SRC VCC-CMD12-21SRC Datasheet
580Kb / 1P
Right Angle Surface Mount LED
logo
Chicago Miniature Lamp,...
CMD12-21SRC/TR8 CML-CMD12-21SRC/TR8 Datasheet
72Kb / 1P
CMD12-21 BrightAngle??Right Angle Surface Mount LED
logo
Visual Communications C...
CMD12-21UGC VCC-CMD12-21UGC Datasheet
580Kb / 1P
Right Angle Surface Mount LED
More results

Similar Description - CMD127

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF1049-2 MITSUBISHI-MF1049-2 Datasheet
98Kb / 1P
FOR WIRELESS LOCAL LOOP, Tx
logo
API Technologies Corp
CMD222 APITECH-CMD222 Datasheet
109Kb / 1P
Wireless Local Loop Duplexer
CMD207 APITECH-CMD207 Datasheet
115Kb / 1P
Wireless Local Loop Duplexer
CMD135 APITECH-CMD135 Datasheet
116Kb / 1P
5.3 Wireless Local Loop Duplexer
CMD134 APITECH-CMD134 Datasheet
112Kb / 1P
2.4 Wireless Local Loop Duplexer
CMD100 APITECH-CMD100 Datasheet
116Kb / 1P
Wireless Local Loop Duplexer
logo
Micross Components
HMC331 MICROSS-HMC331 Datasheet
819Kb / 7P
Wireless Local Loop
logo
Analog Devices
HMC245AQS16 AD-HMC245AQS16 Datasheet
299Kb / 6P
Wireless Local Loop
HMC326MS8G AD-HMC326MS8G Datasheet
393Kb / 6P
Wireless Local Loop Driver Amplifier
HMC204MS8G AD-HMC204MS8G Datasheet
216Kb / 4P
Wireless Local Loop
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com