Electronic Components Datasheet Search
  English  ▼

X  

CMD116 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD116
Description  AMPS Fullband Duplexer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD116 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD116 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMD116
AMPS Fullband Duplexer
Receive Channel
Transmit Channel
Passband:
824 - 849 MHz
Passband:
869 - 894 MHz
Insertion Loss:
1.0 dB max.
Insertion Loss:
1.0 dB max.
Return Loss:
16.0 dB min.
Return Loss:
16.0 dB min.
Rejection:
Rejection:
DC – 794 MHz
75 dB min.
DC – 849 MHz
75 dB min.
869 – 2400 MHz
75 dB min
924 - 2400 MHz
75 dB min.
Isolation Tx to Rx:
75 dB min.
Isolation Rx to Tx:
75 dB min.
Operation Temp:
0° to +60°C
Storage Temp:
-40° to +85°C
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363
• Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMD116

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMD11-21 CML-CMD11-21 Datasheet
68Kb / 1P
1CMD11-21 SMT LEDs 1206 Package Size
logo
Visual Communications C...
CMD11-21 VCC-CMD11-21 Datasheet
620Kb / 1P
SMT LEDs 1206 Package Size
logo
Chicago Miniature Lamp,...
CMD11-21SRC/TR8 CML-CMD11-21SRC/TR8 Datasheet
68Kb / 1P
1CMD11-21 SMT LEDs 1206 Package Size
logo
Visual Communications C...
CMD11-21SRC/TR8 VCC-CMD11-21SRC/TR8 Datasheet
620Kb / 1P
SMT LEDs 1206 Package Size
logo
Chicago Miniature Lamp,...
CMD11-21UYC/TR8 CML-CMD11-21UYC/TR8 Datasheet
68Kb / 1P
1CMD11-21 SMT LEDs 1206 Package Size
More results

Similar Description - CMD116

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMD243 APITECH-CMD243 Datasheet
144Kb / 2P
PCS Fullband Duplexer
CMD234 APITECH-CMD234 Datasheet
117Kb / 1P
AMPS B-Band Duplexer
CMD161 APITECH-CMD161 Datasheet
108Kb / 1P
PCS Fullband Duplexer
CMD157 APITECH-CMD157 Datasheet
129Kb / 2P
AMPS Duplexer
CMD139 APITECH-CMD139 Datasheet
115Kb / 1P
AMPS FullBand Duplexer
CMD108-02 APITECH-CMD108-02 Datasheet
92Kb / 1P
AMPS Duplexer
CMF252 APITECH-CMF252 Datasheet
113Kb / 1P
AMPS Fullband Transmit Filter
CMF117 APITECH-CMF117 Datasheet
118Kb / 1P
AMPS Fullband Receive Filter
CMD343 APITECH-CMD343 Datasheet
131Kb / 2P
E AMPS Duplexer 824 ??894 MHz
CMD259 APITECH-CMD259 Datasheet
121Kb / 1P
AMPS A-Band Duplexer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com