Electronic Components Datasheet Search
  English  ▼

X  

CMD112 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD112
Description  PCS Duplexer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD112 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD112 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Suite B, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com
___________________________________________________________________________________________________
CMD112
PCS Duplexer
Revision 1, March 3, 2003
Receive Channel
Transmit Channel
Passband:
1850 – 1910 MHz
Passband:
1930 - 1990 MHz
Insertion Loss:
1.0 dB max.
Insertion Loss:
1.0 dB max.
Return Loss:
18.0 dB min.
Return Loss:
18.0 dB min.
Rejection:
Rejection:
DC – 1790 MHz
60 dB min
DC – 1910 MHz
95 dB min.
1930 – 1990 MHz
95 dB min.
2050 – 3980 MHz
60 dB min.
1990 – 3980 MHz
60 dB min.
Isolation Tx to Rx:
95 dB min.
Isolation Rx to Tx:
95 dB min.
Power:
100 Watts CW
Intermodulation:
-105 dBm max @ RX with two +42 dBm CW carriers (Ant. Terminated)
Operation Temp:
0° to +60°C
Storage Temp:
-40° to +85°C


Similar Part No. - CMD112

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMD11-21 CML-CMD11-21 Datasheet
68Kb / 1P
1CMD11-21 SMT LEDs 1206 Package Size
logo
Visual Communications C...
CMD11-21 VCC-CMD11-21 Datasheet
620Kb / 1P
SMT LEDs 1206 Package Size
logo
Chicago Miniature Lamp,...
CMD11-21SRC/TR8 CML-CMD11-21SRC/TR8 Datasheet
68Kb / 1P
1CMD11-21 SMT LEDs 1206 Package Size
logo
Visual Communications C...
CMD11-21SRC/TR8 VCC-CMD11-21SRC/TR8 Datasheet
620Kb / 1P
SMT LEDs 1206 Package Size
logo
Chicago Miniature Lamp,...
CMD11-21UYC/TR8 CML-CMD11-21UYC/TR8 Datasheet
68Kb / 1P
1CMD11-21 SMT LEDs 1206 Package Size
More results

Similar Description - CMD112

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ACMD-7401 HP-ACMD-7401 Datasheet
357Kb / 11P
Miniature PCS Band Duplexer
logo
List of Unclassifed Man...
KFF6675A ETC1-KFF6675A Datasheet
162Kb / 2P
1900 MHz PCS Duplexer
logo
API Technologies Corp
CMD243 APITECH-CMD243 Datasheet
144Kb / 2P
PCS Fullband Duplexer
CMD230 APITECH-CMD230 Datasheet
131Kb / 2P
PCS Duplexer
CMD161 APITECH-CMD161 Datasheet
108Kb / 1P
PCS Fullband Duplexer
CMD102 APITECH-CMD102 Datasheet
115Kb / 1P
PCS B-Band Duplexer
logo
TriQuint Semiconductor
TQM969001 TRIQUINT-TQM969001_15 Datasheet
692Kb / 10P
PCS Duplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7409 AVAGO-ACMD-7409 Datasheet
1Mb / 10P
Miniature PCS Band Duplexer
logo
Broadcom Corporation.
DEMO-ACMD-7402 BOARDCOM-DEMO-ACMD-7402 Datasheet
246Kb / 10P
Miniature PCS Band Duplexer
ACMD-7409 BOARDCOM-ACMD-7409 Datasheet
1Mb / 10P
Miniature PCS Band Duplexer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com